Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC166APWR Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74LVC166APWR
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166APWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LVC166APWR Datasheet HTML 13Page - Texas Instruments SN74LVC166APWR Datasheet HTML 14Page - Texas Instruments SN74LVC166APWR Datasheet HTML 15Page - Texas Instruments SN74LVC166APWR Datasheet HTML 16Page - Texas Instruments SN74LVC166APWR Datasheet HTML 17Page - Texas Instruments SN74LVC166APWR Datasheet HTML 18Page - Texas Instruments SN74LVC166APWR Datasheet HTML 19Page - Texas Instruments SN74LVC166APWR Datasheet HTML 20Page - Texas Instruments SN74LVC166APWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
In this application, the SN74LVC166A is used to increase the number of inputs on a microcontroller. Unlike
other I/O expanders, the SN74LVC166A does not need a communication interface for control. It can be easily
operated with simple GPIO pins.
At power-up, the initial states of the internal shift registers are unknown. To give them a defined state of zero,
the device can be cleared by applying a low signal to the clear (CLR) input. Alternatively, data can be loaded in
directly by switching to load mode (SH/LD = low), then pulsing the clock (CLK) input once.
8.2 Typical Application
System
Controller
SER
CLK INH
SH/LD
8-Bit Shift Register
A B C D E F G H
Data Loading Gates
CLK
Control
Logic
QH
DATA[A:H]
Peripheral
CLR
Figure 8-1. Typical Application Block Diagram
8.2.1 Design Requirements
8.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions.
The supply voltage sets the device's electrical characteristics of the device as described in the Electrical
Characteristics section.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by all
outputs of the SN74LVC166A plus the maximum static supply current, ICC, listed in the Electrical Characteristics,
and any transient current required for switching. The logic device can only source as much current that is
provided by the positive supply source. Ensure the maximum total current through VCC listed in the Absolute
Maximum Ratings is not exceeded.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74LVC166A plus the maximum supply current, ICC, listed in the Electrical Characteristics, and any transient
current required for switching. The logic device can only sink as much current that can be sunk into its ground
connection. Ensure the maximum total current through GND listed in the Absolute Maximum Ratings is not
exceeded.
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com