Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC166APWR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC166APWR
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166APWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC166APWR Datasheet HTML 1Page - Texas Instruments SN74LVC166APWR Datasheet HTML 2Page - Texas Instruments SN74LVC166APWR Datasheet HTML 3Page - Texas Instruments SN74LVC166APWR Datasheet HTML 4Page - Texas Instruments SN74LVC166APWR Datasheet HTML 5Page - Texas Instruments SN74LVC166APWR Datasheet HTML 6Page - Texas Instruments SN74LVC166APWR Datasheet HTML 7Page - Texas Instruments SN74LVC166APWR Datasheet HTML 8Page - Texas Instruments SN74LVC166APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
16
141.8
74
87.1
22.3
86.6
-
°C/W
BQB (WQFN)
16
98.8
94.3
67.6
15.4
67.6
46.2
°C/W
DYY (SOT-23-THN)
16
196.3
117.4
122.9
22.3
122.7
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH= –100μA
1.1V to 3.6V
VCC - 0.2 VCC - 0.01
V
VOH
IOH= –4mA
1.65V
1.2
V
VOH
IOH= –8mA
2.3V
1.75
V
VOH
IOH= –12mA
2.7V
2.2
V
VOH
3V
2.4
V
VOH
IOH= –24mA
3V
2.2
V
VOL
IOL = 100μA
1.1V to 3.6V
0.01
0.2
V
VOL
IOL = 4mA
1.65V
0.45
V
VOL
IOL = 8mA
2.3V
0.7
V
VOL
IOL = 12mA
2.7V
0.4
V
VOL
IOL = 24mA
3V
0.55
V
II
VI = VCC or GND
3.6V
±5
µA
Ioff
VI or VO = VCC
0V
±10
µA
ICC
VI = VCC or GND, IO = 0
3.6V
40
µA
ΔICC
One input at VCC - 0.6V, other inputs at VCC or
GND
2.7V to 3.6V
5000
µA
CI
VI = VCC or GND
3.3V
4.9
pF
CO
VO = VCC or GND
3.3V
6.3
pF
CPD
f = 10MHz
1.8V
12
pF
CPD
f = 10MHz
2.5V
15
pF
CPD
f = 10MHz
3.3V
17
pF
5.6 Timing Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
CONDITION
VCC
-40°C to 125°C
UNIT
MIN
MAX
Fclock
Clock frequency
1.2 V ± 0.1 V
59
MHz
1.5 V ± 0.15 V
64
MHz
1.8 V ± 0.15 V
64
MHz
2.5 V ± 0.2 V
100
MHz
3.3 V ± 0.3 V
104
MHz
tW
Pulse duration
CLR low
1.2 V ± 0.1 V
6.9
ns
tW
Pulse duration
SH/LD low
1.2 V ± 0.1 V
6.9
ns
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com