Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC166APWR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC166APWR
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166APWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC166APWR Datasheet HTML 7Page - Texas Instruments SN74LVC166APWR Datasheet HTML 8Page - Texas Instruments SN74LVC166APWR Datasheet HTML 9Page - Texas Instruments SN74LVC166APWR Datasheet HTML 10Page - Texas Instruments SN74LVC166APWR Datasheet HTML 11Page - Texas Instruments SN74LVC166APWR Datasheet HTML 12Page - Texas Instruments SN74LVC166APWR Datasheet HTML 13Page - Texas Instruments SN74LVC166APWR Datasheet HTML 14Page - Texas Instruments SN74LVC166APWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
5.9 Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
IOL (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
-40°C
25°C
125°C
Figure 5-10. Output Voltage vs Current in LOW State; 3.3V
Supply
IOH (mA)
-16
-14
-12
-10
-8
-6
-4
-2
0
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
-40°C
25°C
125°C
Figure 5-11. Output Voltage vs Current in HIGH State; 2.5V
Supply
IOL (mA)
0
2
4
6
8
10
12
14
16
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40°C
25°C
125°C
Figure 5-12. Output Voltage vs Current in LOW State; 2.5V
Supply
IOH (mA)
-8
-7
-6
-5
-4
-3
-2
-1
1.4
1.425
1.45
1.475
1.5
1.525
1.55
1.575
1.6
1.625
1.65
1.675
1.7
1.725
1.75
1.775
1.8
-40°C
25°C
125°C
Figure 5-13. Output Voltage vs Current in HIGH State; 1.8V
Supply
IOL (mA)
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
-40°C
25°C
125°C
Figure 5-14. Output Voltage vs Current in LOW State; 1.8V Supply
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com