Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2510-E/P Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP2510-E/P
Description  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-E/P Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP2510-E/P Datasheet HTML 36Page - Microchip Technology MCP2510-E/P Datasheet HTML 37Page - Microchip Technology MCP2510-E/P Datasheet HTML 38Page - Microchip Technology MCP2510-E/P Datasheet HTML 39Page - Microchip Technology MCP2510-E/P Datasheet HTML 40Page - Microchip Technology MCP2510-E/P Datasheet HTML 41Page - Microchip Technology MCP2510-E/P Datasheet HTML 42Page - Microchip Technology MCP2510-E/P Datasheet HTML 43Page - Microchip Technology MCP2510-E/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
MCP2510
DS21291F-page 40
© 2007 Microchip Technology Inc.
REGISTER 5-2:
CNF2 - CONFIGURATION REGISTER2 (ADDRESS: 29h)
REGISTER 5-3:
CNF3 - CONFIGURATION REGISTER 3 (ADDRESS: 28h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BTLMODE
SAM
PHSEG12 PHSEG11 PHSEG10
PRSEG2
PRSEG1
PRSEG0
bit 7
bit 0
bit 7
BTLMODE: Phase Segment 2 Bit Time Length
1
= Length of Phase Seg 2 determined by PHSEG22:PHSEG20 bits of CNF3
0
= Length of Phase Seg 2 is the greater of Phase Seg 1 and IPT (2TQ)
bit 6
SAM: Sample Point Configuration
1
= Bus line is sampled three times at the sample point
0
= Bus line is sampled once at the sample point
bit 5-3
PHSEG1<2:0>: Phase Segment 1 Length
(PHSEG1 + 1) x TQ
bit 2-0
PRSEG<2:0>: Propagation Segment Length
(PRSEG + 1) x TQ
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
WAKFIL
—
—
—
PHSEG22
PHSEG21
PHSEG20
bit 7
bit 0
bit 7
Unimplemented: Reads as '0'
bit 6
WAKFIL: Wake-up Filter
1
= Wake-up filter enabled
0
= Wake-up filter disabled
bit 5-3
Unimplemented: Reads as '0'
bit 2-0
PHSEG2<2:0>: Phase Segment 2 Length
(PHSEG2 + 1) x TQ
Note:
Minimum valid setting for Phase Segment 2 is 2TQ
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com