Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2510-E/P Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP2510-E/P
Description  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-E/P Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP2510-E/P Datasheet HTML 59Page - Microchip Technology MCP2510-E/P Datasheet HTML 60Page - Microchip Technology MCP2510-E/P Datasheet HTML 61Page - Microchip Technology MCP2510-E/P Datasheet HTML 62Page - Microchip Technology MCP2510-E/P Datasheet HTML 63Page - Microchip Technology MCP2510-E/P Datasheet HTML 64Page - Microchip Technology MCP2510-E/P Datasheet HTML 65Page - Microchip Technology MCP2510-E/P Datasheet HTML 66Page - Microchip Technology MCP2510-E/P Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
© 2007 Microchip Technology Inc.
DS21291F-page 63
MCP2510
TABLE 12-2:
OSCILLATOR TIMING CHARACTERISTICS
TABLE 12-3:
CAN INTERFACE AC CHARACTERISTICS
TABLE 12-4:
CLKOUT PIN AC/DC CHARACTERISTICS
Oscillator Timing Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FOSC
Clock In Frequency
1
1
25
16
MHz
MHz
4.5V to 5.5V
3.0V to 4.5V
TOSC
Clock In Period
40
62.5
1000
1000
ns
ns
4.5V to 5.5V
3.0V to 4.5V
TDUTY
Duty Cycle (External Clock
Input)
0.45
0.55
—
TOSH / (TOSH + TOSL)
Note:
This parameter is periodically sampled and not 100% tested.
CAN Interface AC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
TWF
Wakeup Noise Filter
50
—
ns
TDCLK
CLOCKOUT Propagation
Delay
—100
ns
CLKOUT Pin AC/DC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
thCLKOUT
CLKOUT Pin High Time
15
—
ns
TOSC = 40 ns (Note)
tlCLKOUT
CLKOUT Pin Low Time
15
—
ns
TOSC = 40 ns (Note)
trCLKOUT
CLKOUT Pin Rise Time
—
5
ns
Measured from 0.3 VDD to 0.7 VDD
(Note)
tfCLKOUT
CLKOUT Pin Fall Time
—
5
ns
Measured from 0.7 VDD to 0.3 VDD
(Note)
tdCLKOUT
CLOCKOUT Propagation Delay
—
100
ns
Note:
CLKOUT prescaler set to divide by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com