Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2510-E/P Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP2510-E/P
Description  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-E/P Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP2510-E/P Datasheet HTML 60Page - Microchip Technology MCP2510-E/P Datasheet HTML 61Page - Microchip Technology MCP2510-E/P Datasheet HTML 62Page - Microchip Technology MCP2510-E/P Datasheet HTML 63Page - Microchip Technology MCP2510-E/P Datasheet HTML 64Page - Microchip Technology MCP2510-E/P Datasheet HTML 65Page - Microchip Technology MCP2510-E/P Datasheet HTML 66Page - Microchip Technology MCP2510-E/P Datasheet HTML 67Page - Microchip Technology MCP2510-E/P Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
MCP2510
DS21291F-page 64
© 2007 Microchip Technology Inc.
TABLE 12-5:
SPI INTERFACE AC CHARACTERISTICS
SPI Interface AC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FCLK
Clock Frequency
—
—
—
5
4
2.5
MHz
MHz
MHz
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
1TCSS
CS Setup Time
100
—
ns
2TCSH
CS Hold Time
100
115
180
—
—
—
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
3TCSD
CS Disable Time
100
100
280
—
—
—
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
4TSU
Data Setup Time
20
20
30
—
—
—
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
5THD
Data Hold Time
20
20
50
—
—
—
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
6TR
CLK Rise Time
—
2
µs
Note
7TF
CLK Fall Time
—
2
µs
Note
8THI
Clock High Time
90
115
180
—
—
—
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
9TLO
Clock Low Time
90
115
180
—
—
—
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
10
TCLD
Clock Delay Time
50
—
ns
11
TCLE
Clock Enable Time
50
—
ns
12
TV
Output Valid from Clock Low
—
—
—
90
115
180
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
13
THO
Output Hold Time
0
—
ns
Note
14
TDIS
Output Disable Time
—
200
ns
Note
Note:
This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com