Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3004 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3004
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3004 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3004_07 Datasheet HTML 3Page - Microchip Technology MCP3004_07 Datasheet HTML 4Page - Microchip Technology MCP3004_07 Datasheet HTML 5Page - Microchip Technology MCP3004_07 Datasheet HTML 6Page - Microchip Technology MCP3004_07 Datasheet HTML 7Page - Microchip Technology MCP3004_07 Datasheet HTML 8Page - Microchip Technology MCP3004_07 Datasheet HTML 9Page - Microchip Technology MCP3004_07 Datasheet HTML 10Page - Microchip Technology MCP3004_07 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21295C-page 7
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25°C.
FIGURE 2-7:
Integral Nonlinearity (INL) vs.
Temperature.
FIGURE 2-8:
Differential Nonlinearity (DNL)
vs. Sample Rate.
FIGURE 2-9:
Differential Nonlinearity (DNL)
vs. VREF.
FIGURE 2-10: Integral Nonlinearity (INL) vs.
Temperature (VDD = 2.7V).
FIGURE 2-11: Differential Nonlinearity (DNL)
vs. Sample Rate (VDD = 2.7V).
FIGURE 2-12: Differential Nonlinearity (DNL)
vs. VREF (VDD = 2.7V).
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-50
-25
0
255075
100
Temperature (°C)
Positive INL
Negative INL
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0
25
50
75
100
125
150
175
200
225
250
Sample Rate (ksps)
Positive DNL
Negative DNL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
012345
VREF (V)
Negative DNL
Positive DNL
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-50
-25
0
255075
100
Temperature (°C)
Positive INL
VDD = VREF = 2.7 V
fSAMPLE = 75 ksps
Negative INL
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0
255075
100
Sample Rate (ksps)
Positive DNL
Negative DNL
VDD = VREF = 2.7 V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VREF(V)
Positive DNL
Negative DNL
VDD = VREF = 2.7 V
fSAMPLE = 75 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com