Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8366 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 2Page - NXP Semiconductors TDA8366 Datasheet HTML 3Page - NXP Semiconductors TDA8366 Datasheet HTML 4Page - NXP Semiconductors TDA8366 Datasheet HTML 5Page - NXP Semiconductors TDA8366 Datasheet HTML 6Page - NXP Semiconductors TDA8366 Datasheet HTML 7Page - NXP Semiconductors TDA8366 Datasheet HTML 8Page - NXP Semiconductors TDA8366 Datasheet HTML 9Page - NXP Semiconductors TDA8366 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
January 1995
6
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
The pin numbers mentioned in the rest of this document are referenced to the SDIP52 (SOT247-1) package.
FBI
39
58
flyback input
PH2LF
40
59
phase-2 filter
PH1LF
41
60
phase-1 filter
GND2
42
26
ground 2
EWD
43
63
east-west drive output
VDR(pos)
44
64
vertical drive 1 positive output
VDR(neg)
45
1
vertical drive 2 negative output
IFIN1
46
2
IF input 1
IFIN2
47
3
IF input 2
EHTO
48
4
EHT/overvoltage protection input
VSC
49
5
vertical sawtooth capacitor
Iref
50
6
reference current input
DECAGC
51
7
AGC decoupling capacitor
AGCOUT
52
8
tuner AGC output
n.c.
9
not connected
n.c.
10
not connected
n.c.
15
not connected
n.c.
19
not connected
n.c.
34
not connected
n.c.
36
not connected
n.c.
41
not connected
n.c.
51
not connected
n.c.
53
not connected
VP3
23
supply voltage 3 (+8 V)
GND3
61
ground 3
GND4
62
ground 4
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com