Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940KC/W Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
26
Am79C940
HOST SYSTEM INTERFACE
DBUS15-0
Data Bus (Input/Output/3-state)
DBUS contains read and write data to and from internal
registers and the Transmit and Receive FIFOs.
ADD4-0
Address Bus (Input)
ADD is used to access the internal registers and FIFOs
to be read or written.
R/W
Read/Write (Input)
Indicates the direction of data flow during the MACE
device register, Transmit FIFO, or Receive FIFO
accesses.
RDTREQ
Receive Data Transfer Request(Output)
Receive Data Transfer Request indicates that there is
data in the Receive FIFO to be read. When RDTREQ
is asserted there will be a minimum of 16 bytes to be
read except at the completion of the frame, in which
case EOF will be asserted. RDTREQ can be pro-
grammed to request receive data transfer when 16, 32
or 64 bytes are available in the Receive FIFO, by pro-
gramming the Receive FIFO Watermark (RCVFW bits)
in the FIFO Configuration Control register. The first
assertion of RDTREQ will not occur until at least 64
bytes have been received, and the frame has been ver-
ified as non runt. Runt packets will normally be deleted
from the Receive FIFO with no external activity on
RDTREQ. When Runt Packet Accept is enabled (RPA
bit) in the User Test Register, RDTREQ will be asserted
when the runt packet completes, and the entire frame
resides in the Receive FIFO. RDTREQ will be asserted
only when Enable Receive (ENRCV) is set in the MAC
Configuration Control register.
The RCVFW can be overridden by enabling the Low
Latency Receive function (setting LLRCV bit) in the
Receive Frame Con trol re giste r, wh ich a llows
RDTREQ to be asserted after only 12 bytes have been
received. Note that use of this function exposes the
system interface to premature termination of the
receive frame, due to network events such as collisions
or runt packets. It is the responsibility of the system
designer to provide adequate recovery mechanisms for
these conditions.
TDTREQ
Transmit Data Transfer Request (Output)
Transmit Data Transfer Request indicates there is
room in the Transmit FIFO for more data. TDTREQ is
asserted when there are a minimum of 16 empty bytes
in the Transmit FIFO. TDTREQ can be programmed to
request transmit data transfer when 16, 32 or 64 bytes
are available in the Transmit FIFO, by programming the
Transmit FIFO Watermark (XMTFW bits) in the FIFO
Configuration Control register. TDTREQ will be
asserted only when Enable Transmit (ENXMT) is set in
the MAC Configuration Control register.
FDS
FIFO Data Select (Input)
FIFO Data Select allows direct access to the transmit
or Receive FIFO without use of the ADD address bus.
FDS must be activated in conjunction with R/W. When
the MACE device samples R/W as high and FDS low,
a read cycle from the Receive FIFO will be initiated.
When the MACE chip samples R/W and FDS low, a
write cycle to the Transmit FIFO will be initiated. The
CS line should be inactive (high) when FIFO access is
requested using the FDS pin. If the MACE device sam-
ples both CS and FDS as active simultaneously, no
cycle will be executed, and DTV will remain inactive.
DTV
Data Transfer Valid (Output/3-state)
When asserted, indicates that the read or write opera-
tion has completed successfully. The absence of DTV
at the termination of a host access cycle on the MACE
device indicates that the data transfer was unsuccess-
ful. DTV need not be used if the system interface can
guarantee that the latency to TDTREQ and RDTREQ
assertion and de-assertion will not cause the Transmit
FIFO to be over-written or the Receive FIFO to be
over-read. In this case, the latching or strobing of read
or write data can be synchronized to the SCLK input
rather than to the DTV output.
EOF
End Of Frame (Input/Output/3-state)
End Of Frame will be asserted by the MACE device
when the last byte/word of frame data is read from the
Receive FIFO, indicating the completion of the frame
data field for the receive message. End Of Frame must
be asserted low to the MACE device when the last
byte/word of the frame is written into the Transmit
FIFO.
BE1–0
Byte Enable (Input)
Used to indicate the active portion of the data transfer
to or from the internal FIFOs. For word (16-bit) trans-
fers, both BE0 and BE1 should be activated by the
external host/controller. Single byte transfers are per-
formed by identifying the active data bus byte and acti-
vating only one of the two signals. The function of the
BE1-0 pins is programmed using the BSWP bit (BIU
Configuration Control register, bit 6). BE1-0 are not
required for accesses to MACE device registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com