Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940KC/W Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 50Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 51Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 52Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 53Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 54Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 55Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 56Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 57Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 144 page
background image
54
Am79C940
occur regardless of the number of bytes written to the
Transmit FIFO.
RECEIVE OPERATION
The receive operation and features of the MACE de-
vice are controlled by programmable options. These
options are programmed through the BIU, FIFO and
MAC Configuration Control registers.
Parameters controlled by the MAC Configuration Con-
trol register are generally programmed only once, dur-
ing initialization, and are therefore static during the
normal operation of the MACE device (see the Media
Access Control section for a detailed description). The
features controlled by the FIFO Configuration Control
register and the Receive Frame Control register can be
programmed without performing a reset on the part.
The host is responsible for ensuring that no data is
present in the Receive FIFO when re-programming the
receive attributes.
Receive FIFO Read
The Receive FIFO is accessed by performing a host
generated read sequence on the MACE device. See
the Slave Access Operation-Read Access section and
the AC Waveforms section, Host System Interface, fig-
ures: “2 Cycle Receive FIFO/Register Read Timing”
and “3 Cycle Receive FIFO/Register Read Timing” for
details of the read access timing.
Note that EOF will be asserted by the MACE device
during the last data byte/word transfer.
Receive Function Programming
The Receive Frame Control register allows program-
ming of the automatic pad field stripping feature and
the configuration of the Match/Reject (M/R) pin.
ASTRP RCV and M/R must be static when the receive
function is enabled (ENRCV = 1). The receiver should
be disabled before (re-) programming these options.
The EADI port can be used to permit reception of
frames to commence whilst external address decoding
takes place. The M/R bit defines the function of the
EAM/R pin, and hence whether frames will be
accepted or re jected by the exte rnal address
comparison logic.
The programming of additional receive attributes are
distributed between the FIFO and MAC Configuration
Control registers, and the User Test Register.
All receive frames can be accepted by setting the
PROM bit (bit 7) in the MAC Configuration Control reg-
ister. When PROM is set, the MACE device will attempt
to receive all messages, subject to minimum frame
enforcement. Setting PROM will override the use of the
EADI port to force the rejection of unwanted messages.
See the sections External Address Detection Interface
for more details.
The point at which RDTREQ is asserted in relation to
the number of bytes of a frame that are present in the
Receive FIFO (RCVFIFO) is controlled by the RCVFW
bits in the FIFO Configuration Control register, or the
LLRCV bit in the Receive Frame Control register.
RDTREQ will be asserted when one of the following
conditions is true:
(i)
There are at least 64 bytes in the RCVFIFO.
(ii) The received packet has passed the 64 byte mini-
mum criteria, and the number of bytes in the
RCVFIFO is greater than or equal to the threshold
set by the RCVFW (16 or 32 bytes).
(iii) A receive packet has completed, and part or all of
it is present in the RCVFIFO.
(iv) The LLRCV bit has been set and greater than
12-bytes of at least 8 bytes have been received.
Note that if the RCVFW is set below the 64-byte limit,
the MACE device will still require 64-bytes of data to be
received before the initial assertion of RDTREQ. Sub-
sequently, RDTREQ will be asserted at any time the
RCVFW threshold is exceeded. The only times that the
RDTREQ will be asserted when there are not at least
an initial 64-bytes of data in the RCVFIFO are:
(i) When the ASTRP RCV bit has been set in the Re-
ceive Frame Control register, and the pad is auto-
matically stripped from a minimum length packet.
(ii) When the RPA bit has been set in the User Test
Register, and a runt packet of at least 8 bytes has
been received.
(iii) When the LLRCV bit has been set in the Receive
Frame Control register, and at least 12-bytes (after
SFD) has been received.
No preamble/SFD bytes are loaded into the Receive
FIFO. All references to bytes past through the receive
FIFO are received after the preamble/SFD sequence.
Depending on the bus latency of the system, RCVFW
can be set to ensure that the RCVFIFO does not over-
flow before more data is read. When the entire frame is
in the RCVFIFO, RDTREQ will be asserted regardless
of the value in RCVFW. The default value of RCVFW is
64-bytes after hardware or software reset.
The receive operation of the MACE device can be
halted at any time by clearing the ENRCV bit in the
MAC Configuration Control register. Note that any
receive frame currently in progress will be accepted
normally, and the MACE device will disable the receive
process once the message has completed. The Missed
Packet Count (MPC) will be incremented for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com