Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100 Datasheet(PDF) 171 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 167Page - STMicroelectronics SPSB100 Datasheet HTML 168Page - STMicroelectronics SPSB100 Datasheet HTML 169Page - STMicroelectronics SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics SPSB100 Datasheet HTML 172Page - STMicroelectronics SPSB100 Datasheet HTML 173Page - STMicroelectronics SPSB100 Datasheet HTML 174Page - STMicroelectronics SPSB100 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 214 page
background image
Table 233. DSR5 (0x25) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (RC1L)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
FP_READY
BOOST_LEVEL_SET
BOOST_ENA_STATUS
BYPASS_STATUS
BUCK3_PG_OK
BUCK2_PG_OK
BUCK1_PG_OK
Reserved
Full power Ready
bit
BOOST Level set bit
BOOST enable status bit
Bypass status bit
BUCK3 power-good ok
bit
BUCK2 power-good ok
bit
BUCK1 power-good ok
bit
Table 234. DSR5 (0x25) MSB description
Bit
Name
Description
23
RES
Reserved
22
FP_READY
1: Transition from Low power to full power occurred.
IRQ generated when this occurs
21
BOOST_LEVEL_SET
1: 9.5 V
0: 8.0 V
20 BOOST_ENA_STATUS
1: Boost switching ON
0: Boost switching OFF
Live bit
19
BYPASS_STATUS
1: Bypass ON
0: Bypass OFF
Live bit
18
BUCK3_PG_OK
1: Power-good reached after the regulator has been turned ON by power-up sequence or
through SPI
0: PG not reached
17
BUCK2_PG_OK
1: Power-good reached after the regulator has been turned ON by power-up sequence or
through SPI
0: PG not reached
16
BUCK1_PG_OK
1: Power-good reached after the regulator has been turned ON by power-up sequence or
through SPI
0: PG not reached
Table 235. DSR5 (0x25)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
DEV_STATE_5
DEV_STATE_4
DEV_STATE_3
DEV_STATE_2
DEV_STATE_1
DEV_STATE_0
DEEP-SLEEP_FROM_DO_POWER_DOWN_1
DEEP-SLEEP_FROM_DO_POWER_DOWN_0
Device state bit 5
Device state bit 4
Device state bit 3
Device state bit 2
Device state bit 1
Device state bit 0
DEEP-SLEEP from power down bit 1
DEEP-SLEEP from power down bit 0
Table 236. DSR5 (0x25) description
Bit
Name
Description
15
DEV_STATE_5
14
DEV_STATE_4
13
DEV_STATE_3
12
DEV_STATE_2
11
DEV_STATE_1
10
DEV_STATE_0
Current state of state machine
00000: INIT
…
SPSB100
SPI registers
DS14640 - Rev 1
page 171/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com