Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100 Datasheet(PDF) 173 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 169Page - STMicroelectronics SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics SPSB100 Datasheet HTML 172Page - STMicroelectronics SPSB100 Datasheet HTML 173Page - STMicroelectronics SPSB100 Datasheet HTML 174Page - STMicroelectronics SPSB100 Datasheet HTML 175Page - STMicroelectronics SPSB100 Datasheet HTML 176Page - STMicroelectronics SPSB100 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 214 page
background image
Digital FSM states
Spec states/modes
Binary
USER_NVM_PROG_2_COMPLETE
U-NVM-PROG-2
100001
USER_NVM_PROG_3
100010
USER_NVM_PROG_3_COMPLETE
100011
USER_NVM_PROG_4
100100
USER_NVM_PROG_4_COMPLETE
100101
Table 238. DSR5 (0x25) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
FORCED_SLEEP_POWUP
FSM_TO_REC2
REC2_FROM_DO_POWER_CYCLE_1
REC2_FROM_DO_POWER_CYCLE_0
CRC3
CRC2
CRC1
CRC0
Forced sleep power up bit
Finite state machine to
REC2 bit
REC2 from power cycle bit 1
REC2 from power cycle bit 0
Cyclic redundancy
checking bit 3
Cyclic redundancy
checking bit 2
Cyclic redundancy
checking bit 1
Cyclic redundancy
checking bit 0
Table 239. DSR5 (0x25) LSB description
Bit
Name
Description
7
FORCED_SLEEP_POWUP
1: state machine reaches DEEP-SLEEP after 3 attend to power-up
6
FSM_TO_REC2
Functional state machine state before reaching REC2
1: REC1
Bit is latched until a “read and clear” command
0: ACTIVE
5
REC2_FROM_DO_POWER_CYCLE_1
00: Default
01: REC2 entered after a DO_POWER_CYCLE command in ACTIVE state
1x: REC2 entered after a DO_POWER_CYCLE command in REC-1 state
4
REC2_FROM_DO_POWER_CYCLE_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 240. DSR6 (0x26) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (RC1L)
0 (RC1L)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
LP_READY
SWDBG_VIO
SWDBG_STATE
RES
RES
RES
RES
Reserved
Low power
Ready bit
Software debug
VIO bit
Software debug
status
Reserved bit Reserved bit Reserved bit Reserved bit
Table 241. DSR6 (0x26) MSB description
Bit
Name
Description
23
RES
Reserved
22
LP_READY
1: Transition from full power to low power occurred. IRQ generated and this bit set when this occurs if
not masked by MASK_LP_READY_IRQ
21
SWDBG_VIO
SWDBG is linked to VIO up to the end of the timeout following the power-up sequence.
If not masked, IRQ is generated and the watchdog starts with L.O.W.
20 SWDBG_STATE state of SWDBG input pin with VIO thresholds
SPSB100
SPI registers
DS14640 - Rev 1
page 173/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com