Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XDPS2201 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # XDPS2201
Description  XDP Hybrid-flyback Controller XDPS2201
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDPS2201 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button XDPS2201 Datasheet HTML 21Page - Infineon Technologies AG XDPS2201 Datasheet HTML 22Page - Infineon Technologies AG XDPS2201 Datasheet HTML 23Page - Infineon Technologies AG XDPS2201 Datasheet HTML 24Page - Infineon Technologies AG XDPS2201 Datasheet HTML 25Page - Infineon Technologies AG XDPS2201 Datasheet HTML 26Page - Infineon Technologies AG XDPS2201 Datasheet HTML 27Page - Infineon Technologies AG XDPS2201 Datasheet HTML 28Page - Infineon Technologies AG XDPS2201 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
voltage Vin (see Chapter 3.3.1.1) and the output voltage Vout (see Chapter 3.3.1.2). The positive magnetization
level IMAGpos equals the positive half-bridge peak current that is controlled via CS pin at the shunt resistor RShunt
(see Figure 19):
VCSpeak=IHBpeak×RShunt=IMAGpos×RShunt
Equation 9
The output voltage is measured via ZCD pin at the auxiliary winding and taken for protection features (see
Chapter 3.4.8) and for compensating the peak to peak magnetizing current IMAGpp to ensure ZVS operation over
wide output voltage range (see Chapter 3.3.1.2).
0A
IMAGnegCRM
IMAGposRVS
IMAG
tLSon
IMAGnegRVS
t
t
VLSGD
VHSGD
ZVS pulse [tZVS]
IHB~VCS
t0
t1
t2
t3
t4
t5 t6
tTRANS
t
VZCD
VZCDnom
VZCDOVP
VZCDUVP
IMAGppCRM
IMAGppRVS
twaitgap
t
CRM switching cyle
ZV-RVS switching cyle
IMAGposCRM
tZVS
Figure 19
Negative magnetization controlled by low-side gate driver
3.3.1.1
Keeping ZVS operation for wide input voltage range
ZVS operation for wide input voltage range is achieved by Vin feed-forward compensation of negative
magnetization level IMAGneg during the different operation modes (see Chapter 3.3.2). This is supported by
several configurable parameters introduced in the sequel.
The implemented output current control is based on the dimensioning for the nominal output current level
Ioutnom1) following Equation 5:
Ioutnom= N2× IMAGposnom Vin;Vout;Mode +IMAGneg Vin;Mode
Equation 10
The peak current control at CS pin for adjusting IMAGpos is therefore depending on the input, output voltage and
the mode operation that are directly impacting the negative magnetization level IMAGneg.
1
configurable, see Table 5
XDP Hybrid-flyback Controller XDPS2201
Functional description
Datasheet
25
R1.2
2021-06-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com