Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XDPS2201 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XDPS2201
Description  XDP Hybrid-flyback Controller XDPS2201
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDPS2201 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XDPS2201 Datasheet HTML 17Page - Infineon Technologies AG XDPS2201 Datasheet HTML 18Page - Infineon Technologies AG XDPS2201 Datasheet HTML 19Page - Infineon Technologies AG XDPS2201 Datasheet HTML 20Page - Infineon Technologies AG XDPS2201 Datasheet HTML 21Page - Infineon Technologies AG XDPS2201 Datasheet HTML 22Page - Infineon Technologies AG XDPS2201 Datasheet HTML 23Page - Infineon Technologies AG XDPS2201 Datasheet HTML 24Page - Infineon Technologies AG XDPS2201 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
VVCCoff
VVCCon
VVCC
t
VVCCSS
t
VHV
VVAC
IVCC
VHBGD
t
t
IVCCBB
IVCCop
t
VVS
VVSBIP
VVSxBOP
IVCCopnm
tVSBIdet
t0
t1 t2
Figure 14
Bang-bang mode operation during brown-in phase
3.2.3
Bang-bang mode during protection mode operation
The bang-bang mode triggered by auto-restart mode or latch mode supports an IC operation without external
VCC supply during the latched and auto-restart operation (see Chapter 3.4.1). It directly controls the HV start-up
cell by turning off at VCC pin threshold VVCCon and turning on after a time period tARMbase (see Figure 15). During
this bang-bang mode operation the VCC is kept at a high voltage level in order to support a proper restart, once
triggered. The VCC current consumption is reduced to IVCCBB.
In auto-restart mode, there is also in addition a counter activated, which initiates a restart after a set number of
NARMstep HV start-up cell charge cycles (see Figure 16).
In latched operation a mode reset can only be achieved by disconnecting the AC line. A HW reset is taking place
once the VCC voltage drops below the threshold VVCCoff.
XDP Hybrid-flyback Controller XDPS2201
Functional description
Datasheet
21
R1.2
2021-06-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com