Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XDPS2201 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XDPS2201
Description  XDP Hybrid-flyback Controller XDPS2201
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDPS2201 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XDPS2201 Datasheet HTML 9Page - Infineon Technologies AG XDPS2201 Datasheet HTML 10Page - Infineon Technologies AG XDPS2201 Datasheet HTML 11Page - Infineon Technologies AG XDPS2201 Datasheet HTML 12Page - Infineon Technologies AG XDPS2201 Datasheet HTML 13Page - Infineon Technologies AG XDPS2201 Datasheet HTML 14Page - Infineon Technologies AG XDPS2201 Datasheet HTML 15Page - Infineon Technologies AG XDPS2201 Datasheet HTML 16Page - Infineon Technologies AG XDPS2201 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
IHB
t
t
VHSGD
VLSGD
VHB
t
t
ISEC
0A
IMAGneg
IMAGpos
t
t0
t1
t2 t3 t4
t5 t6
t7
tdeadLS
tdeadHS
IMAG
tmag
tdemag
Figure 7
Hybrid-flyback converter signals
3.1.2
Boundary conditions for ZVS operation
Achieving a zero voltage switching (ZVS) turn-on condition for both HS and LS switches requires the right
polarity of the resonant tank LmCr current IMAG. Furthermore a sufficient energy level in the resonant tank LmCr
is needed to switch-over the half-bridge voltage VHB during the dead-times tdeadLS and tdeadHS. By ensuring ZVS
operation, hard switching with undesired oscillations and, in worst case, body diode cross conduction can be
properly avoided.
Switching over from HS switch to LS switch under ZVS condition is properly supported by the positive
magnetization level (see Figure 7) . Forcing ZVS condition for switch-over from LS switch to HS switch is covered
by regulating the negative magnetization level depending on the input voltage Vin.
Wide Vout voltage range operation
When operating with variable output voltage there is an application requirement for adapting the switching
phase between HS switch turn-on phases to ensure ZVS condition. Figure 8 shows an example for a potential
body diode cross conduction when output voltage is reduced and the timings for LS switch turn-on phase tLSon
and start of HS turn-on are not adapted. At time t3 the slope of demagnetization current IMAG is flatter compared
to time period before t0 due to lower Vout level. This leads to a larger demagnetization period tdemag of the
transformer (see Equation 7). Keeping the pulse pattern for tLSon and dead-time tdeadHS for turning on the HS
switch constant would result in a body diode cross conduction of LS switch at time t5 (see Figure 8). Here IMAG
is still positive and therefore not switching-over the half-bridge node and not finishing the conduction of the
LS switch body diode. By adapting the pulse pattern depending on Vout ZVS condition is reached for all output
voltage and load conditions (see Chapter 3.3.1.2.1).
XDP Hybrid-flyback Controller XDPS2201
Functional description
Datasheet
13
R1.2
2021-06-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com