| Electronic Components Datasheet Search |
|
SCF5249VF140 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5249VF140 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 56 page ![]() SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3 Signal Descriptions Freescale Semiconductor 24 8.16 Queued Serial Peripheral Interface (QSPI) NOTE The QSPI interface is a high-speed serial interface allowing transmit and receive of serial data. 8.17 Crystal Trim The XTRIM_GPIO38 output produces a pulse-density modulated phase/frequency difference signal to be used after low-pass filtering to control varicap-voltage to control crystal oscillation frequency. This will lock the crystal to the incoming digital audio signal. 8.18 Clock Out The MCLK1/GPO39 and /MCLK2/GPO42 can serve as general purpose I/Os or as DAC clock outputs. When programmed as DAC clock outputs, these signals are directly derived from the crystal. 8.19 Debug and Test Signals These signals interface with external I/O to provide processor status signals. 8.19.1 Test Mode The TEST[3:0] inputs are used for various manufacturing and debug tests. For normal mode these inputs should be always be tied low. Use TEST0 to switch between background debug mode and JTAG mode. Drive TEST0 high for debug mode. 8.19.2 High Impedance The assertion of HI_Z will force all output drivers to a high-impedance state. The timing on HI_Z is independent of the clock. Table 13. Queued Serial Peripheral Interface (QSPI) Signals Serial Module Signal Description SCL_QSPICLK Multiplexed signal IIC interface clock or QSPI clock output Function select is done via PLLCR register. SDA_QSPIDIN Multiplexed signal IIC interface data or QSPI data input. Function select is done via PLLCR register. QSPIDOUT_GPIO26 QSPI data output QSPICS0_GPIO29 4 different QSPI chip selects QSPICS1_GPIO24 QSPICS2_GPIO21 QSPICS3_GPIO22 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |