Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCF5249VF140 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SCF5249VF140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VF140 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SCF5249VF140 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 38Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 39Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 40Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 41Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 42Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 43Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
40
Figure 12. UART Timing Definition
Table 26. I2C-Bus Input Timing Specifications Between SCL and SDA
Num
Characteristic
Units
Min
Max
M1
Start Condition Hold Time
tbd
—
bus clocks
M2
Clock Low Period
tbd
—
bus clocks
M3
SCL/SDA Rise Time
(VIL= 0.5 V to VIH = 2.4 V)
—
tbd
mSec
M4
Data Hold Time
tbd
—
nSec
M5
SCL/SDA Fall Time
(VIH= 2.4 V to VIL = 0.5 V)
—
tbd
mSec
M6
Clock High time
tbd
—
bus clocks
M7
Data Setup Time
tbd
—
nSec
M8
Start Condition Setup Time
(for repeated start condition only)
tbd
—
bus clocks
SCLK
RXD
CTS
TXD
RTS
U1
U2
U3
U4
U5
U6
U7
U8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com