Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCF5249VF140 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # SCF5249VF140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VF140 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button SCF5249VF140 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Electrical Characteristics
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
33
Figure 5. Clock Timing Definition
NOTE
Signals above are shown in relation to the clock. No relationship between
signals is implied or intended.
9.1.1
Processor Bus Input Timing Specification
Table 20 lists processor bus input timings.
NOTE
All processor bus timings are synchronous; that is, input setup/hold and
output delay with respect to the rising edge of a reference clock. The
reference clock is the SCLK output. All other timing relationships can be
derived from these values.
Table 20. External Bus Input Timing Specifications
Num
Characteristica
Units
Symbol
Min
Max
B0
SCLK
tCYC
14.26
—
ns
B1
Control input valid to SCLK highb
tCVCH
10
—
ns
B2
SCLK high to control inputs validb
tCHCII
2
—
ns
B4
Data input (D[31:0]) valid to SCLK high
tDIVCH
6
—
ns
CRIN
PSTCLK
BCLK
C6
C6
C7
C8
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com