Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1601 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1601 Datasheet HTML 2Page - Microchip Technology MCP1601 Datasheet HTML 3Page - Microchip Technology MCP1601 Datasheet HTML 4Page - Microchip Technology MCP1601 Datasheet HTML 5Page - Microchip Technology MCP1601 Datasheet HTML 6Page - Microchip Technology MCP1601 Datasheet HTML 7Page - Microchip Technology MCP1601 Datasheet HTML 8Page - Microchip Technology MCP1601 Datasheet HTML 9Page - Microchip Technology MCP1601 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MCP1601
DS21762A-page 6
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 4.2V, VOUT = 1.8V, L = 10 µH, COUT= 10 µF (X5R Ceramic), CIN = 10 µF (X5R
Ceramic), SYNC/PWM=VIN.
FIGURE 2-7:
Output Voltage vs. Load
Current.
FIGURE 2-8:
Output Voltage vs. Load
Current.
FIGURE 2-9:
Input to Output Voltage
Differential for 100% Duty Cycle vs. Load
Current.
FIGURE 2-10:
Switch Leakage vs.
Temperature.
FIGURE 2-11:
Typical PWM Mode of
Operation Waveforms.
FIGURE 2-12:
Typical PFM Mode of
Operation Waveforms.
1.700
1.720
1.740
1.760
1.780
1.800
1.820
0
100
200
300
400
500
Load Current (mA)
VOUT = 1.8V
Auto PWM/PFM
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
3.10
3.13
3.15
3.18
3.20
3.23
3.25
3.28
3.30
3.33
3.35
0
100
200
300
400
500
Load Current (mA)
VOUT = 3.3V
Auto PWM/PFM
VIN = 4.5V
VIN = 5.0V
VIN = 5.5V
0
50
100
150
200
250
300
350
400
450
0
100
200
300
400
500
Load Current (mA)
VOUT = 3.3V
VOUT = 2.7V
Dropout = (VIN-VOUT) in mV @ 97% of VOUT
0.0
1.5
3.0
4.5
-40
-15
10
35
60
85
Ambient Temperature (°C)
VIN = 5.0V
Synchronous NChannel
BUCK Switch PChannel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com