Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1601 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1601 Datasheet HTML 13Page - Microchip Technology MCP1601 Datasheet HTML 14Page - Microchip Technology MCP1601 Datasheet HTML 15Page - Microchip Technology MCP1601 Datasheet HTML 16Page - Microchip Technology MCP1601 Datasheet HTML 17Page - Microchip Technology MCP1601 Datasheet HTML 18Page - Microchip Technology MCP1601 Datasheet HTML 19Page - Microchip Technology MCP1601 Datasheet HTML 20Page - Microchip Technology MCP1601 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
 2003 Microchip Technology Inc.
DS21762A-page 17
MCP1601
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
Legend:
XX...X Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (Week of January 1 is week ‘01)
NNN Alphnumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
8-Lead MSOP
Example:
XXXXXX
YWWNNN
1601I
344025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com