Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1601 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1601 Datasheet HTML 1Page - Microchip Technology MCP1601 Datasheet HTML 2Page - Microchip Technology MCP1601 Datasheet HTML 3Page - Microchip Technology MCP1601 Datasheet HTML 4Page - Microchip Technology MCP1601 Datasheet HTML 5Page - Microchip Technology MCP1601 Datasheet HTML 6Page - Microchip Technology MCP1601 Datasheet HTML 7Page - Microchip Technology MCP1601 Datasheet HTML 8Page - Microchip Technology MCP1601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MCP1601
DS21762A-page 2
 2003 Microchip Technology Inc.
Typical Application
Functional Block Diagram
VOUT
PGND
LX
SHDN
VIN
1
2
3
4
8
7
6
5
MCP1601
FB
SYNC/
AGND
Input
Voltage
2.7V-4.2V
CIN
10 µF
10 µH
COUT
10 µF
R1
250 k
Ω
(for 1.8V)
R2
200 k
Ω
Typical Application (2.7V to 4.2V)
IOUT = 0 mA to 400 mA
COUT Range
10 µF to 47 µF
L Range
10 µH to 22 µH
C1
47 pF
VOUT Range
1.2V to 3.3V
PWM
+
-
EA
CCOMP
FB
RCOMP
Feedforward Oscillator
K*VIN
Duty
Clamp
10% - 90%
PWM Latch
R
OUT
Inset
Timing
0.8V
ISENSEP
VREF
S
SQW
VIN
SHDN
Internal
Circuit
UVLO
Enable Out
AGND
AGND
AGND
PFM Comparator
Internal
Band Gap
Reference
Buffered 0.8V Output
VREF
SYNC/PWM
VREF
ISENSEP
ISENSEN
PFM Mode
Timing
LX
VOUT
PGND
PGND
Soft Start
ISENSEN
Duty
Clamp
800 k
Ω 12 pF
10 pF
3M
Ω
-
-
+
VREF
-
-
+
-
+
Enable
Cycle
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com