Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4821-E/P Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4821-E/P
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4821-E/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4821-E/P Datasheet HTML 18Page - Microchip Technology MCP4821-E/P Datasheet HTML 19Page - Microchip Technology MCP4821-E/P Datasheet HTML 20Page - Microchip Technology MCP4821-E/P Datasheet HTML 21Page - Microchip Technology MCP4821-E/P Datasheet HTML 22Page - Microchip Technology MCP4821-E/P Datasheet HTML 23Page - Microchip Technology MCP4821-E/P Datasheet HTML 24Page - Microchip Technology MCP4821-E/P Datasheet HTML 25Page - Microchip Technology MCP4821-E/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MCP4821/MCP4822
DS21953A-page 22
© 2005 Microchip Technology Inc.
6.6
Bipolar Operation
Bipolar operation is achievable using the MCP482X
devices by using an external operational amplifier (op
amp). This configuration is desirable due to the wide
variety and availability of op amps. This allows a gen-
eral purpose DAC, with its cost and availability advan-
tages, to meet almost any desired output voltage
range, power and noise performance.
Example 6-3 illustrates a simple bipolar voltage source
configuration. R1 and R2 allow the gain to be selected,
while R3 and R4 shift the DAC's output to a selected
offset. Note that R4 can be tied to VDD, instead of AVSS,
if a higher offset is desired. Note that a pull-up to VDD
could be used, instead of R4 or in addition to R4, if a
higher offset is desired.
EXAMPLE 6-3:
Digitally-Controlled Bipolar Voltage Source.
6.6.1
DESIGN A BIPOLAR DAC USING
EXAMPLE 6-3
An output step magnitude of 1 mV, with an output range
of ±2.05V, is desired for a particular application.
1.
Calculate the range: +2.05V – (-2.05V) = 4.1V.
2.
Calculate the resolution needed:
4.1V/1 mV = 4100
Since 212 = 4096, 12-bit resolution is desired.
3.
The amplifier gain (R2/R1), multiplied by full-
scale VOUT (4.096V), must be equal to the
desired minimum output to achieve bipolar
operation. Since any gain can be realized by
choosing resistor values (R1+R2), the VREF
value must be selected first. If a VREF of 4.096V
is used (G=2), solve for the amplifier’s gain by
setting the DAC to 0, knowing that the output
needs to be -2.05V. The equation can be
simplified to:
4.
Next, solve for R3 and R4 by setting the DAC to
4096, knowing that the output needs to be
+2.05V.
MCP482X
VDD
VDD
SPI™
3
VOUT
R3
R4
R2
R1
VIN+
G = Gain select (1x or 2x)
D = Digital value of DAC (0 – 4096)
0.1 µF
VCC+
VCC–
V
OUT
2.048 G
D
2
12
-------
⋅
=
V
IN+
V
OUTR4
R
3
R
4
+
--------------------
=
VO
V
O
V
IN+ 1
R
2
R
1
------
+
⎝⎠
⎛⎞
V
DD
R
2
R
1
------
⎝⎠
⎛⎞
–
=
R
2
–
R
1
---------
2.05
–
4.096V
-----------------
=
If R1 = 20 kΩ and R2 = 10 kΩ, the gain will be 0.5
R
2
R
1
------
1
2
---
=
R
4
R
3
R
4
+
()
-----------------------
2.05V
0.5 4.096V
⋅
()
+
1.5 4.096V
⋅
-------------------------------------------------------
2
3
---
==
If R4 = 20 kΩ, then R3 = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com