Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4821-E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP4821-E/P
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4821-E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP4821-E/P Datasheet HTML 12Page - Microchip Technology MCP4821-E/P Datasheet HTML 13Page - Microchip Technology MCP4821-E/P Datasheet HTML 14Page - Microchip Technology MCP4821-E/P Datasheet HTML 15Page - Microchip Technology MCP4821-E/P Datasheet HTML 16Page - Microchip Technology MCP4821-E/P Datasheet HTML 17Page - Microchip Technology MCP4821-E/P Datasheet HTML 18Page - Microchip Technology MCP4821-E/P Datasheet HTML 19Page - Microchip Technology MCP4821-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP4821/MCP4822
DS21953A-page 16
© 2005 Microchip Technology Inc.
4.1
Circuit Descriptions
4.1.1
OUTPUT AMPLIFIERS
The DACs’ outputs are buffered with a low-power,
precision CMOS amplifier. This amplifier provides low
offset voltage and low noise. The output stage enables
the device to operate with output voltages close to the
power supply rails. Refer to Section 1.0 “Electrical
Characteristics” for range and load conditions.
In addition to resistive load-driving capability, the ampli-
fier will also drive high capacitive loads without oscilla-
tion. The amplifiers’ strong outputs allow VOUT to be
used as a programmable voltage reference in a
system.
4.1.1.1
Programmable Gain Block
The rail-to-rail output amplifier has configurable gain,
allowing optimal full-scale outputs for differing voltage
reference inputs. The output amplifier gain has two
selections, a gain of 1 V/V (GA = 1) or a gain of 2 V/V
(GA = 0).
The output range is ideally 0.000V to 4095/4096 *
2.048V when G = 1, and 0.000 to 4095/4096 * 4.096V
when G = 2. The default value for this bit is a gain of 2,
yielding an ideal full-scale output of 0.000V to 4.096V
due to the internal 2.048V VREF. Note that the near rail-
to-rail CMOS output buffer’s ability to approach AVSS
and VDD establish practical range limitations. The
output swing specification in Section 1.0 “Electrical
Characteristics” defines the range for a given load
condition.
4.1.2
VOLTAGE REFERENCE
The MCP482X devices utilize internal 2.048V voltage
reference. The voltage reference has low temperature
coefficient and low noise characteristics. Refer to
Section 1.0 “Electrical Characteristics” for the
voltage reference specifications.
4.1.3
POWER-ON RESET CIRCUIT
The Power-On Reset (POR) circuit ensures that the
DACs power-up with SHDN = 0 (high-impedance). The
devices will continue to have a high-impedance output
until a valid Write command is performed to either of
the DAC registers and the LDAC pin meets the input
low threshold.
If the power supply voltage is less than the POR
threshold (VPOR = 2.0V, typical), the DACs will be held
in their reset state. They will remain in that state until
VDD > VPOR and a subsequent Write command is
received.
Figure 4-3 shows a typical power supply transient
pulse and the duration required to cause a reset to
occur, as well as the relationship between the duration
and trip voltage. A 0.1 µF decoupling capacitor,
mounted as close as possible to the VDD pin, provides
additional transient immunity.
FIGURE 4-3:
Typical Transient Response.
4.1.4
SHUTDOWN MODE
Shutdown mode can be entered by using either hard-
ware or software commands. The hardware pin
(SHDN) is only available on the MCP4821. During
Shutdown mode, the supply current is isolated from
most of the internal circuitry. The serial interface
remains active, thus allowing a Write command to
bring the device out of Shutdown mode. When the out-
put amplifiers are shut down, the feedback resistance
(typically 500 k
Ω) produces a high-impedance path to
AVSS. The device will remain in Shutdown mode until
the SHDN pin is brought high and a write command
with SD = 1 is latched into the device. When a DAC is
changed from Shutdown to Active mode, the output
settling time takes < 10 µs, but greater than the
standard Active mode settling time (4.5 µs).
Transients above the curve
will cause a reset
Transients below the curve
will NOT cause a reset
5V
Time
Transient Duration
VPOR
VDD - VPOR
TA = +25°C
10
8
6
4
2
0
123
4
5
VDD – VPOR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com