Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4821-E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP4821-E/P
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4821-E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP4821-E/P Datasheet HTML 10Page - Microchip Technology MCP4821-E/P Datasheet HTML 11Page - Microchip Technology MCP4821-E/P Datasheet HTML 12Page - Microchip Technology MCP4821-E/P Datasheet HTML 13Page - Microchip Technology MCP4821-E/P Datasheet HTML 14Page - Microchip Technology MCP4821-E/P Datasheet HTML 15Page - Microchip Technology MCP4821-E/P Datasheet HTML 16Page - Microchip Technology MCP4821-E/P Datasheet HTML 17Page - Microchip Technology MCP4821-E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MCP4821/MCP4822
DS21953A-page 14
© 2005 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Positive Power Supply Input (VDD)
VDD is the positive power supply input. The input power
supply is relative to AVSS and can range from 2.7V to
5.5V. A decoupling capacitor on VDD is recommended
to achieve maximum performance.
3.2
Chip Select (CS)
CS is the chip select input, which requires an active-low
signal to enable serial clock and data functions.
3.3
Serial Clock Input (SCK)
SCK is the SPI compatible serial clock input.
3.4
Serial Data Input (SDI)
SDI is the SPI compatible serial data input.
3.5
Latch DAC Input (LDAC)
LDAC (the latch DAC synchronization input) transfers
the input latch registers to the DAC registers (output
latches) when low. Can also be tied low if transfer on
the rising edge of CS is desired.
3.6
Hardware Shutdown Input (SHDN)
SHDN is the hardware shutdown input that requires an
active-low input signal to configure the DACs in their
low-power Standby mode.
3.7
DACx Outputs (VOUTA, VOUTB)
VOUTA and VOUTB are DAC outputs. The DAC output
amplifier drives these pins with a range of AVSS to VDD.
3.8
Analog Ground (AVSS)
AVSS is the analog ground pin.
MCP4821
Pin No.
MCP4822
Pin No.
Symbol
Function
11
VDD
Positive Power Supply Input (2.7V to 5.5V)
22
CS
Chip Select Input
3
3
SCK
Serial Clock Input
4
4
SDI
Serial Data Input
55
LDAC
Synchronization input used to transfer DAC settings from serial
latches to output latches
6
—
SHDN
Hardware Shutdown Input
—6
VOUTB
DACB Output
77
AVSS
Analog Ground
88
VOUTA
DACA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com