Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC256T-ESM Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LC256T-ESM
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-ESM Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LC256T-ESM Datasheet HTML 2Page - Microchip Technology 24LC256T-ESM Datasheet HTML 3Page - Microchip Technology 24LC256T-ESM Datasheet HTML 4Page - Microchip Technology 24LC256T-ESM Datasheet HTML 5Page - Microchip Technology 24LC256T-ESM Datasheet HTML 6Page - Microchip Technology 24LC256T-ESM Datasheet HTML 7Page - Microchip Technology 24LC256T-ESM Datasheet HTML 8Page - Microchip Technology 24LC256T-ESM Datasheet HTML 9Page - Microchip Technology 24LC256T-ESM Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 6
© 2007 Microchip Technology Inc.
13
TAA
Output valid from clock
(Note 2)
—
—
—
—
3500
900
900
400
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V 24FCXXX
2.5V
≤ VCC ≤ 5.5V 24FCXXX
14
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
1300
500
—
—
—
—
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V 24FCXXX
2.5V
≤ VCC ≤ 5.5V 24FCXXX
15
TOF
Output fall time from VIH
minimum to VIL maximum
CB
≤ 100 pF
10 + 0.1CB
250
250
ns
All except 24FCXXX (Note 1)
24FCXXX (Note 1)
16
TSP
Input filter spike suppression
(SDA and SCL pins)
—
50
ns
All except 24FCXXX (Note 1)
17
TWC
Write cycle time (byte or
page)
—5
ms
18
—
Endurance
1,000,000
—
cycles 25°C (Note 3)
TABLE 2-2:
AC CHARACTERISTICS – ALL EXCEPT 24XX00, 24C01C
AND 24C02C (CONTINUED)
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V TA = -40°C to 125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model, which can be obtained from Microchip’s web site:
www.microchip.com.
4: 24FCXXX denotes the 24FC64, 24FC128, 24FC256 and 24FC512 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com