Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC256T-ESM Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC256T-ESM
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-ESM Datasheet(HTML) 2 Page - Microchip Technology

  24LC256T-ESM Datasheet HTML 1Page - Microchip Technology 24LC256T-ESM Datasheet HTML 2Page - Microchip Technology 24LC256T-ESM Datasheet HTML 3Page - Microchip Technology 24LC256T-ESM Datasheet HTML 4Page - Microchip Technology 24LC256T-ESM Datasheet HTML 5Page - Microchip Technology 24LC256T-ESM Datasheet HTML 6Page - Microchip Technology 24LC256T-ESM Datasheet HTML 7Page - Microchip Technology 24LC256T-ESM Datasheet HTML 8Page - Microchip Technology 24LC256T-ESM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 2
© 2007 Microchip Technology Inc.
TABLE 1-1:
DEVICE SELECTION TABLE
Part Number
VCC
Range
Max. Clock
Frequency
Page
Size
Write-
Protect
Scheme
Functional
Address
Pins
Temp.
Range
Packages(5)
128-bit devices
24AA00
1.7-5.5V
400 kHz(1)
—None
None
I
P, SN, ST, OT, MC
24LC00
2.5-5.5V
400 kHz(1)
I
24C00
4.5-5.5V
400 kHz
I, E
1 Kb devices
24AA01
1.7-5.5V
400 kHz (2)
8 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC01B
2.5-5.5V
400 kHz
I, E
24AA014
1.7-5.5V
400 kHz(2)
16 bytes
Entire Array
A0, A1, A2
I
P, SN, ST, MS, MC
24LC014
2.5-5.5V
400 kHz
I
24C01C
4.5V-5.5V 400 kHz
16 bytes
None
A0, A1, A2
I, E
P, SN, ST, MC
2 Kb devices
24AA02
1.7-5.5V
400 kHz (2)
8 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC02B
2.5-5.5V
400 kHz
I, E
24AA024
1.7-5.5V
400 kHz(2)
16 bytes
Entire Array
A0, A1, A2
I
P, SN, ST, MS, MC
24LC024
2.5-5.5V
400 kHz
I
24AA025
1.7-5.5V
400 kHz(2)
16 bytes
None
A0, A1, A2
I
P, SN, ST,MS, MC
24LC025
2.5-5.5V
400 kHz
I
24C02C
4.5-5.5V
400 kHz
16 bytes
Upper Half
of Array
A0, A1, A2
I, E
P, SN, ST, MC
4 Kb devices
24AA04
1.7-5.5V
400 kHz (2)
16 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC04B
2.5-5.5V
400 kHz
I, E
8 Kb devices
24AA08
1.7-5.5V
400 kHz (2)
16 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC08B
2.5-5.5V
400 kHz
I, E
16 Kb devices
24AA16
1.7-5.5V
400 kHz (2)
16 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC16B
2.5-5.5V
400 kHz
I, E
32 Kb devices
24AA32A
1.7-5.5V
400 kHz (2)
32 bytes
Entire Array
A0, A1, A2
I
P, SN, SM, ST, MS, MC
24LC32A
2.5-5.5V
400 kHz
I, E
64 Kb devices
24AA64
1.7-5.5V
400 kHz (2)
32 bytes
Entire Array
A0, A1, A2
I
P, SN, SM, ST, MS, MC
24LC64
2.5-5.5V
400 kHz
I, E
24FC64
1.7-5.5V
1 MHz(3)
I
Note 1: 100 kHz for VCC <4.5V.
2: 100 kHz for VCC <2.5V.
3: 400 kHz for VCC <2.5V.
4: Pins A0 and A1 are no-connects for the 24XX128 and 24XX256 in the MSOP package.
5: P = 8-PDIP, SN = 8-SOIC (3.90 mm JEDEC), ST = 8-TSSOP, OT = 5 or 6-SOT23, MC = 2x3mm DFN,
MS = 8-MSOP, SM = 8-SOIC (200 mil EIAJ), MF = 5x6mm DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com