Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC256T-ESM Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC256T-ESM
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-ESM Datasheet(HTML) 1 Page - Microchip Technology

  24LC256T-ESM Datasheet HTML 1Page - Microchip Technology 24LC256T-ESM Datasheet HTML 2Page - Microchip Technology 24LC256T-ESM Datasheet HTML 3Page - Microchip Technology 24LC256T-ESM Datasheet HTML 4Page - Microchip Technology 24LC256T-ESM Datasheet HTML 5Page - Microchip Technology 24LC256T-ESM Datasheet HTML 6Page - Microchip Technology 24LC256T-ESM Datasheet HTML 7Page - Microchip Technology 24LC256T-ESM Datasheet HTML 8Page - Microchip Technology 24LC256T-ESM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 1
24AA00/24LC00/24C00
24AA01/24LC01B
24AA014/24LC014
24C01C
24AA02/24LC02B
24C02C
24AA024/24LC024
24AA025/24LC025
24AA04/24LC04B
24AA08/24LC08B
24AA16/24LC16B
24AA32A/24LC32A
24AA64/24LC64/24FC64
24AA128/24LC128/24FC128
24AA256/24LC256/24FC256 24AA512/24LC512/24FC512
Features:
• 128-bit through 512 Kbit devices
• Single supply with operation down to 1.7V for
24AAXX devices
• Low-power CMOS technology:
- 1 mA active current, typical
-1
μA standby current, typical (I-temp)
• 2-wire serial interface bus, I2C™ compatible
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (1.7V) and 400 kHz (
≥ 2.5V) compatibility
• 1 MHz for 24FCXX products
• Self-timed write cycle (including auto-erase)
• Page write buffer
• Hardware write-protect available on most devices
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1 million erase/write cycles
• Data retention > 200 years
• 8-lead PDIP, SOIC, TSSOP and MSOP packages
• 5-lead SOT-23 package (most 1-16 Kbit devices)
• 8-lead 2x3mm and 5x6mm DFN packages
available
• Pb-free and RoHS compliant
• Available for extended temperature ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24CXX, 24LCXX,
24AAXX and 24FCXX (24XX*) devices are a family of
128-bit through 512 Kbit Electrically Erased PROMs.
The devices are organized in blocks of x8-bit memory
with 2-wire serial interfaces. Low-voltage design
permits operation down to 1.7V (for 24AAXX devices),
with standby and active currents of only 1
μA and 1
mA, respectively. Devices 1 Kbit and larger have page
write capability. Parts having functional address lines
allow connection of up to 8 devices on the same bus.
The 24XX family is available in the standard 8-pin
PDIP, surface mount SOIC, TSSOP and MSOP pack-
ages. Most 128-bit through 16 Kbit devices are also
available in the 5-lead SOT-23 package. DFN
packages (2x3mm or 5x6mm) are also available. All
packages are Pb-free (Matte Tin) finish.
*24XX is used in this document as a generic part
number for 24 series devices in this data sheet.
24XX64, for example, represents all voltages of the 64
Kbit device.
Package Types(1)
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP(3)
SCL
SDA
PDIP/SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP(3)
SCL
SDA
TSSOP/MSOP(2)
15
4
3
SCL
VSS
SDA
VCC
NC
2
SOT-23-5
(24XX00)
SOT-23-5
15
4
3
SCL
VSS
SDA
WP
VCC
2
(all except 24XX00)
A0
A1
A2
VSS
WP(3)
SCL
SDA
5
6
7
8
4
3
2
1
VCC
DFN
Note 1: Pins A0, A1, A2 and WP are not used by some
devices (no internal connections). See Table 1-1,
Device Selection Table, for details.
2: Pins A0 and A1 are no-connects for the 24XX128
and 24XX256 MSOP devices.
3: Pin 7 is “not used” for 24XX00, 24XX025 and
24C01C.
I2C™ Serial EEPROM Family Data Sheet


Similar Part No. - 24LC256T-ESM

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
24LC256T-ESM ARTSCHIP-24LC256T-ESM Datasheet
381Kb / 9P
I2C CMOS Serial EEPROM
More results

Similar Description - 24LC256T-ESM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com