Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4528-2ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4528-2ARMZ
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4528-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC
1
–IN
2
+IN
3
V–
4
NIC
8
V+
7
OUT
6
NIC
5
NOTES
1. NIC = NO INTERNAL CONNECTION.
ADA4528-1
TOP VIEW
(Not to Scale)
Figure 4. ADA4528-1 Pin Configuration, 8-Lead MSOP
ADA4528-1
TOP VIEW
(Not to Scale)
3
+IN
4
V–
1
NIC
2
–IN
6 OUT
5 NIC
8 NIC
7 V+
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. CONNECT THE EXPOSED PAD TO
V– OR LEAVE IT UNCONNECTED.
Figure 5. ADA4528-1 Pin Configuration, 8-Lead LFCSP
Table 6. ADA4528-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 8
NIC
No Internal Connection.
2
−IN
Inverting Input.
3
+IN
Noninverting Input.
4
V−
Negative Supply Voltage.
6
OUT
Output.
7
V+
Positive Supply Voltage.
EPAD
Exposed Pad (LFCSP Only). Connect the exposed pad to V− or leave it unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com