Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4528-2ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4528-2ARMZ
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4528-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 11 of 24
10
1
100m
10m
1m
0.1m
0.001
100
0.01
0.1
1
10
LOAD CURRENT (mA)
VSY = 2.5V
–40°C
+25°C
+85°C
+125°C
Figure 20. Output Voltage (VOH) to Supply Rail vs. Load Current
0
5
10
15
20
25
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
RL = 10kΩ
VSY = 2.5V
Figure 21. Output Voltage (VOL) to Supply Rail vs. Temperature
0
5
10
15
20
25
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
VSY = 2.5V
RL = 10kΩ
Figure 22. Output Voltage (VOH) to Supply Rail vs. Temperature
0.001
100
0.01
0.1
1
10
LOAD CURRENT (mA)
VSY = 5V
–40°C
+25°C
+85°C
+125°C
10
1
100m
10m
1m
0.1m
Figure 23. Output Voltage (VOH) to Supply Rail vs. Load Current
0
5
10
15
20
25
30
35
40
45
RL = 2kΩ
RL = 10kΩ
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 5V
Figure 24. Output Voltage (VOL) to Supply Rail vs. Temperature
0
5
10
15
20
25
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
VSY = 5V
RL = 10kΩ
Figure 25. Output Voltage (VOH) to Supply Rail vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com