Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4528-2ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4528-2ARMZ
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4528-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 17 of 24
TIME (1s/DIV)
VSY = 2.5V
VCM = VSY/2
AV = 100
Figure 56. 0.1 Hz to 10 Hz Noise
0.001
0.01
0.1
10
1
0.001
0.01
0.1
1
10
AMPLITUDE (V p-p)
VSY = 2.5V
AV = 1
f = 1kHz
RL = 10kΩ
Figure 57. THD + N vs. Amplitude
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 2.5V
AV = 1
RL = 10kΩ
80kHz LOW-PASS FILTER
VIN = 2V p-p
Figure 58. THD + N vs. Frequency
TIME (1s/DIV)
VSY = 5V
VCM = VSY/2
AV = 100
Figure 59. 0.1 Hz to 10 Hz Noise
0.001
0.01
0.1
10
1
0.001
0.01
0.1
1
10
AMPLITUDE (V p-p)
VSY = 5V
f = 1kHz
RL = 10kΩ
AV = 1
Figure 60. THD + N vs. Amplitude
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 5V
AV = 1
RL = 10kΩ
80kHz LOW-PASS FILTER
VIN = 2V p-p
Figure 61. THD + N vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com