Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MBAA4 Datasheet(PDF) 77 Page - Intel Corporation

Part # DJIXP972MBAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MBAA4 Datasheet(HTML) 77 Page - Intel Corporation

Back Button DJIXP972MBAA4 Datasheet HTML 73Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 74Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 75Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 76Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 77Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 78Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 79Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 80Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
77
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 42 lists MII status register bits.
Table 42. MII Status Register #1 - Address 1, Hex 1
Bit
Name
Description
Type 1
Default
1.15
100BASE-T4
Not Supported
0 = PHY not able to perform 100BASE-T4
1 = PHY able to perform 100BASE-T4
RO
0
1.14
100BASE-X Full-Duplex
0 = PHY not able to perform full-duplex 100BASE-X
1 = PHY able to perform full-duplex 100BASE-X
RO
1
1.13
100BASE-X Half-Duplex
0 = PHY not able to perform half-duplex
100BASE-X
1 = PHY able to perform half-duplex 100BASE-X
RO
1
1.12
10 Mbps Full-Duplex
0 = PHY not able to operate at 10 Mbps full-duplex
mode
1 = PHY able to operate at 10 Mbps in full-duplex
mode
RO
1
1.11
10 Mbps Half-Duplex
0 = PHY not able to operate at 10 Mbps in half-
duplex
1 = PHY able to operate at 10 Mbps in half-duplex
mode
RO
1
1.10
100BASE-T2 Full-
Duplex
Not Supported
0 = PHY not able to perform full-duplex
100BASE-T2
1 = PHY able to perform full-duplex 100BASE-T2
RO
0
1.9
100BASE-T2 Half-
Duplex
Not Supported
0 = PHY not able to perform half-duplex
100BASE-T2
1 = PHY able to perform half-duplex 100BASE-T2
RO
0
1.8
Extended Status
0 = No extended status information in register 15
1 = Extended status information in register 15
RO
0
1.7
Reserved
Ignore when read.
RO
0
1.6
MF Preamble
Suppression
0 = PHY cannot accept management frames with
preamble suppressed
1 = PHY accepts management frames with
preamble suppressed
RO
0
1.5
Auto-Negotiation
complete
0 = Auto-negotiation not complete
1 = Auto-negotiation complete
RO
0
1.4
Remote Fault
0 = No remote fault condition detected
1 = Remote fault condition detected
RO/LH
0
1.3
Auto-Negotiation Ability
0 = PHY is not able to perform auto-negotiation
1 = PHY is able to perform auto-negotiation
RO
1
1.2
Link Status
0 = Link is down
1 = Link is up
RO/LL
0
1.1
Jabber Detect
0 = Jabber condition not detected
1 = Jabber condition detected
RO/LH
0
1.0
Extended Capability
0 = Basic register capabilities
1 = Extended register capabilities
RO
1
1. RO = Read Only
LL = Latching Low
LH = Latching High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com