Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MBAA4 Datasheet(PDF) 34 Page - Intel Corporation

Part # DJIXP972MBAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MBAA4 Datasheet(HTML) 34 Page - Intel Corporation

Back Button DJIXP972MBAA4 Datasheet HTML 30Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 31Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 32Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 33Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 34Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 35Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 36Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 37Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
34
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.5
Establishing Link
Figure 6 shows an overview of link establishment for the LXT972M Transceiver.
Note:
When a link is established by parallel detection, the LXT972M Transceiver sets the duplex mode to
half-duplex, as defined by the IEEE 802.3 standard.
5.5.1
Auto-Negotiation
If not configured for forced operation, the LXT972M Transceiver attempts to auto-negotiate with
its link partner by sending Fast Link Pulse (FLP) bursts. Each burst consists of up to 33 link pulses
spaced 62.5
μs apart. Odd link pulses (clock pulses) are always present. Even link pulses (data
pulses) may be absent or present to indicate a ‘0’ or a ‘1’. Each FLP burst exchanges 16 bits of
data, which are referred to as a “link code word”. All devices that support auto-negotiation must
implement the “Base Page” defined by the IEEE 802.3 standard (Registers 4 and 5).
The LXT972M Transceiver also supports the optional “Next Page” function as listed in Table 48,
“Auto-Negotiation Next Page Transmit Register - Address 7, Hex 7” on page 82 and Table 49,
“Auto-Negotiation Link Partner Next Page Receive Register - Address 8, Hex 8” on page 82.
5.5.1.1
Base Page Exchange
By exchanging Base Pages, the LXT972M Transceiver and its link partner communicate their
capabilities to each other. Both sides must receive at least three consecutive identical base pages for
negotiation to continue. Each side identifies the highest common capabilities that both sides
support, and each side configures itself accordingly.
Figure 6. Link Establishment Overview)
Check Value
0.12
Start
Done
Enable
Auto-Neg/Parallel Detection
Go To Forced
Settings
Attempt Auto-
Negotiation
Listen for 10T
Link Pulses
Listen for 100TX
Idle Symbols
Link Up?
NO
YES
Power-Up, Reset,
or Link Failure
Disable
Auto-Negotiation
0.12 = 0
0.12 = 1
B3496-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com