Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MBAA4 Datasheet(PDF) 46 Page - Intel Corporation

Part # DJIXP972MBAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MBAA4 Datasheet(HTML) 46 Page - Intel Corporation

Back Button DJIXP972MBAA4 Datasheet HTML 42Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 43Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 44Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 45Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 46Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 47Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 48Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 49Page - Intel Corporation DJIXP972MBAA4 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
46
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.7.3.1
Physical Coding Sublayer
The Physical Coding Sublayer (PCS) provides the MII interface, as well as the 4B/5B encoding/
decoding function.
For 100BASE-TX operation, the PCS layer provides IDLE symbols to the PMD-layer line driver
as long as TX_EN is de-asserted.
5.7.3.1.1
Preamble Handling
When the MAC asserts TX_EN, the PCS substitutes a /J/K symbol pair, also known as the Start-of-
Stream Delimiter (SSD), for the first two nibbles received across the MII. The PCS layer continues
to encode the remaining MII data, following the 4B/5B coding in Table 15, until TX_EN is de-
asserted. It then returns to supplying IDLE symbols to the line driver.
In the receive direction, the PCS layer performs the opposite function, substituting two preamble
nibbles for the SSD. In 100 Mbps operation, preamble is always passed through the PCS layer to
the MII interface.
Table 15. 4B/5B Coding (Sheet 1 of 2)
Code Type
4B Code
3 2 1 0
Name
5B Code
4 3 2 1 0
Interpretation
DATA
0 0 0 0
0
1 1 1 1 0
Data 0
0 0 0 1
1
0 1 0 0 1
Data 1
0 0 1 0
2
1 0 1 0 0
Data 2
0 0 1 1
3
1 0 1 0 1
Data 3
0 1 0 0
4
0 1 0 1 0
Data 4
0 1 0 1
5
0 1 0 1 1
Data 5
0 1 1 0
6
0 1 1 1 0
Data 6
0 1 1 1
7
0 1 1 1 1
Data 7
1 0 0 0
8
1 0 0 1 0
Data 8
1 0 0 1
9
1 0 0 1 1
Data 9
1 0 1 0
A
1 0 1 1 0
Data A
1 0 1 1
B
1 0 1 1 1
Data B
1 1 0 0
C
1 1 0 1 0
Data C
1 1 0 1
D
1 1 0 1 1
Data D
1 1 1 0
E
1 1 1 0 0
Data E
1 1 1 1
F
1 1 1 0 1
Data F
IDLE
undefined
I 1
1 1 1 11
Used as inter-stream fill code
1. The /I/ (Idle) code group is sent continuously between frames.
2. The /J/ and /K/ (SSD) code groups are always sent in pairs, and /K/ follows /J/.
3. The /T/ and /R/ (ESD) code groups are always sent in pairs, and /R/ follows /T/.
4. An /H/ (Error) code group is used to signal an error condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com