Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUD45P03-09-GE3 Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # SUD45P03-09-GE3
Description  P-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

SUD45P03-09-GE3 Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  SUD45P03-09-GE3 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (TC=25℃ unless otherwise specified)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
TC = 25℃
-100
A
TC = 100℃
-65
A
IDM
Pulsed Drain Current note1
-400
A
EAS
Single Pulsed Avalanche Energy note2
225
mJ
PD
Power Dissipation
TC = 25℃
103
W
RθJC
Thermal Resistance, Junction to Case
1.46
℃
/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
P-channel Enhancement Mode Power MOSFET
Features
 VDS=
-30V, ID= -100A
RDS(ON) <
5.3mΩ @ VGS = -10V
RDS(ON) <
8.2mΩ @ VGS = -4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
www.bychip.cn
Pin Assignment
Schematic Diagram
TO-252-2L Top View
SUD45P03-09-GE3
v1.0


Similar Part No. - SUD45P03-09-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD45P03-09-GE3 VBSEMI-SUD45P03-09-GE3 Datasheet
921Kb / 8P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SUD45P03-09-GE3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com