Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUD45P03-09-GE3 Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # SUD45P03-09-GE3
Description  P-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

SUD45P03-09-GE3 Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  SUD45P03-09-GE3 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TJ=25℃ unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristic
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID= -250μA
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= -30V, VGS=0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±20V
-
-
±100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID= -250μA
-1.0
-1.5
-2.5
V
RDS(on)
Static Drain-Source on-Resistance
note3
VGS= -10V, ID= -30A
-
5.3
mΩ
VGS= -4.5V, ID= -20A
-
8.2
Dynamic Characteristics
Ciss
Input Capacitance
VDS= -15V, VGS=0V,
f=1.0MHz
-
9400
-
pF
Coss
Output Capacitance
-
1000
-
pF
Crss
Reverse Transfer Capacitance
-
767
-
pF
Qg
Total Gate Charge
VDS= -15V, ID= -30A,
VGS= -10V
-
42
-
nC
Qgs
Gate-Source Charge
-
8.4
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
11.2
-
nC
Switching Characteristics
td(on)
Turn-on Delay Time
VDD= -15V, ID= -30A,
VGS= -10V, RGEN=2.5Ω
-
15
-
ns
tr
Turn-on Rise Time
-
16
-
ns
td(off)
Turn-off Delay Time
-
69
-
ns
tf
Turn-off Fall Time
-
27
-
ns
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain to Source Diode Forward
Current
-
-
-100
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-400
A
VSD
Drain to Source Diode Forward
Voltage
VGS=0V, IS= -30A
-
-0.8
-1.2
V
Notes:1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. EAS condition: TJ=25℃, VDD= -15V, VG= -10V, RG=25Ω, L=0.5mH, IAS= -30A
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
www.bychip.cn
SUD45P03-09-GE3
v2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com