Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUD45P03-09-GE3 Datasheet(PDF) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # SUD45P03-09-GE3
Description  P-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

SUD45P03-09-GE3 Datasheet(HTML) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

  SUD45P03-09-GE3 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED SUD45P03-09-GE3 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Characteristics
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
-VGS(V)
Figure 2: Typical Transfer Characteristics
-ID (A)
0
9
18
27
36
45
0
Figure 5: Gate Charge Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 4: Body Diode Characteristics
-IS(A)
-VSD(V)
0
5
10
15
20
25
30
102
C(pF)
-VDS(V)
Figure 6: Capacitance Characteristics
2
Qg(nC)
-VGS(V)
103
104
Coss
Crss
TJ=150℃
TA=-55℃
Ciss
TJ=-25℃
0.1
1
10
TJ=-50℃
25℃
125℃
4
6
8
10
VDS=-15V
ID=-30A
0
1.0
2.0
3.0
4.0
5.0
0
Figure1: Output Characteristics
-VDS(V)
-ID (A)
0
10
20
30
40
50
60
8
2
Figure 3:On-resistance vs. Drain Current
RDS(ON) (mΩ)
-ID(A)
7
VGS=-1V
-3V
6
20
40
60
80
100
-2V
-4.5V
-10V
3
4
5
VGS=-10V
VGS=-4.5V
20
40
60
80
100
www.bychip.cn
SUD45P03-09-GE3
v3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com