| Electronic Components Datasheet Search |
|
ENC28J60T-I/SS Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ENC28J60T-I/SS Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 96 page ![]() © 2006 Microchip Technology Inc. Preliminary DS39662B-page 27 ENC28J60 4.2.1 READ CONTROL REGISTER COMMAND The Read Control Register (RCR) command allows the host controller to read any of the ETH, MAC and MII registers in any order. The contents of the PHY regis- ters are read via a special MII register interface (see Section 3.3.1 “Reading PHY Registers” for more information). The RCR command is started by pulling the CS pin low. The RCR opcode is then sent to the ENC28J60, followed by a 5-bit register address (A4 through A0). The 5-bit address identifies any of the 32 control registers in the current bank. If the 5-bit address is an ETH register, then data in the selected register will immediately start shifting out MSb first on the SO pin. Figure 4-3 shows the read sequence for these registers. If the address specifies one of the MAC or MII registers, a dummy byte will first be shifted out the SO pin. After the dummy byte, the data will be shifted out MSb first on the SO pin. The RCR operation is terminated by raising the CS pin. Figure 4-4 shows the read sequence for MAC and MII registers. FIGURE 4-3: READ CONTROL REGISTER COMMAND SEQUENCE (ETH REGISTERS) FIGURE 4-4: READ CONTROL REGISTER COMMAND SEQUENCE (MAC AND MII REGISTERS) SO SI SCK CS 0 234 567 89 10 11 12 13 14 15 1 76 54 32 10 Data Out 20 3 4 0 0 0 1 Opcode Address High-Impedance State SO SI SCK CS 0 234567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 1 20 3 4 0 0 0 1 765432 10 Opcode Dummy Byte High-Impedance State 23 7 6543210 Data Byte Out Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |