Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-I/SS Datasheet(PDF) 69 Page - Microchip Technology

Part # ENC28J60T-I/SS
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-I/SS Datasheet(HTML) 69 Page - Microchip Technology

Back Button ENC28J60T-I/SS Datasheet HTML 65Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 66Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 67Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 68Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 69Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 70Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 71Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 72Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 67
ENC28J60
REGISTER 12-4:
PHIE: PHY INTERRUPT ENABLE REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
rr
rrrr
rr
bit 15
bit 8
R-0
R-0
R/W-0
R/W-0
R-0
R-0
R/W-0
R/W-0
rr
r
PLNKIE
r
r
PGEIE
r
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-6
Reserved: Write as ‘0’, ignore on read
bit 5
Reserved: Maintain as ‘0’
bit 4
PLNKIE: PHY Link Change Interrupt Enable bit
1
= PHY link change interrupt is enabled
0
= PHY link change interrupt is disabled
bit 3-2
Reserved: Write as ‘0’, ignore on read
bit 1
PGEIE: PHY Global Interrupt Enable bit
1
= PHY interrupts are enabled
0
= PHY interrupts are disabled
bit 0
Reserved: Maintain as ‘0’
REGISTER 12-5:
PHIR: PHY INTERRUPT REQUEST (FLAG) REGISTER
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
rr
rrrr
rr
bit 15
bit 8
R-x
R-x
R-0
R/SC-0
R-0
R/SC-0
R-x
R-0
r
r
r
PLNKIF
r
PGIF
r
r
bit 7
bit 0
Legend:
R = Readable bit
SC = Self-clearing bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-6
Reserved: Do not modify
bit 5
Reserved: Read as ‘0’
bit 4
PLNKIF: PHY Link Change Interrupt Flag bit
1
= PHY link status has changed since PHIR was last read; resets to ‘0’ when read
0
= PHY link status has not changed since PHIR was last read
bit 3
Reserved: Read as ‘0’
bit 2
PGIF: PHY Global Interrupt Flag bit
1
= One or more enabled PHY interrupts have occurred since PHIR was last read; resets to ‘0’ when read
0
= No PHY interrupts have occurred
bit 1
Reserved: Do not modify
bit 0
Reserved: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com