Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-I/SS Datasheet(PDF) 72 Page - Microchip Technology

Part # ENC28J60T-I/SS
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-I/SS Datasheet(HTML) 72 Page - Microchip Technology

Back Button ENC28J60T-I/SS Datasheet HTML 68Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 69Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 70Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 71Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 72Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 73Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 74Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 75Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
ENC28J60
DS39662B-page 70
Preliminary
© 2006 Microchip Technology Inc.
12.2
Wake-On-LAN/Remote Wake-up
Wake-On-LAN or Remote Wake-up is useful in con-
serving system power. The host controller and other
subsystems can be put in Low-Power mode and be
woken up by the ENC28J60 when a wake-up packet is
received from a remote station. The ENC28J60 must
not be in Power-Save mode and the transmit and
receive modules must be enabled in order to receive a
wake-up packet. The ENC28J60 wakes up the host
controller via the INT signal when the Interrupt Mask
registers are properly configured. The receive filter can
also be set up to only receive a specific wake-up packet
(see
Register 8-1
for
available
options).
Section 12.2.1 “Setup Steps for Waking Up on a
Magic Packet” shows the steps necessary in configur-
ing the ENC28J60 to send an interrupt signal to the
host controller upon the reception of a Magic packet.
12.2.1
SETUP STEPS FOR WAKING UP ON
A MAGIC PACKET
1.
Set ERXFCON.CRCEN and ERXFCON.MPEN.
2.
Service all pending packets.
3.
Set EIE.PKTIE and EIE.INTIE.
4.
Set up the host controller to wake-up on an
external interrupt INT signal.
5.
Put the host controller and other subsystems to
Sleep to save power.
Once a Magic packet is received, the EPKTCNT is
incremented to ‘1’, which causes the EIR.PKTIF bit to
set. In turn, the ESTAT.INT bit is set and the INT signal
is driven low, causing the host to wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com