Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB2011LS2A02-BA Datasheet(PDF) 14 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS2A02-BA
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS2A02-BA Datasheet(HTML) 14 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011LS2A02-BA Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Series MB2000
Bracket PC Mount Miniature Pushbuttons
C85
C
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
Single Pole
.100” (2.54mm) Vertical PC
Double Pole
.100” (2.54mm) Vertical PC
MB2011SS2G45-CA
MB2181SS2G45-CA
Four Pole
.100” (2.54mm) Vertical PC
(10.3)
.406
(0.5)
.020
(6.2) Dia
.244
(2.3)
.091
(0.8) Typ
.031
(2.54) Typ
.100
(3.25)
.128
(16.4)
.646
(11.75)
.463
(10.0) Dia
.394
(2.7)
.106
(1.4) Typ
.055
(5.08)
.200
Keyway
1
4
7
10
11
85
2
12
96
3
(13.0)
.512
(1.27) Typ
.050
(4.8) Typ
.189
COM
(22.3)
.878
(0.5)
.020
(6.2) Dia
.244
(2.3)
.091
(0.8) Typ
.031
(2.54) Typ
.100
(3.25)
.128
(16.4)
.646
(11.75)
.463
(10.3)
.406
(10.0) Dia
.394
COM
6
3
2
5
4
1
(13.0)
.512
(1.27) Typ
.050
(12.7)
.500
(4.8)
.189
(0.5)
.020
(6.2) Dia
.244
(2.3)
.091
(0.8) Typ
.031
(2.54) Typ
.100
(3.25)
.128
(16.4)
.646
(11.75)
.463
(10.3)
.406
(10.0) Dia
.394
Keyway
(2.7)
.106
(5.08)
.200
(1.4) Typ
.055
COM
3
2
1
(13.0)
.512
(1.27)
.050
(7.9)
.311
(16.4)
.646
(4.8) Typ
.189
(1.8) Dia Typ
.073
1
2
36
5
47
8
9
(2.54) Typ
.100
(2.54) Typ
.100
10
11
12
(16.4)
.646
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(2.54) Typ
.100
(2.54) Typ
.100
(16.4)
.646
(1.8) Dia Typ
.073
1
2
3
(2.54) Typ
.100
(2.54)
.100
MB2061SS2G45-CA
Keyway
(2.7)
.106
(5.08)
.200
(1.4) Typ
.055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com