Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB2011LS2A02-BA Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS2A02-BA
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS2A02-BA Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011LS2A02-BA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Series MB2000
Bracket PC Mount Miniature Pushbuttons
C82
C
www.nkkswitches.com
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
G
A
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC & 3A @ 250V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
TERMINALS
.250” (6.35mm) Straight PC
with Bracket
13
Right Angle PC
with .500” (12.7mm) Support to Terminal
31
Right Angle PC
with .646” (16.4mm) Support to Terminal
30
Only Available in 1 & 2 Pole
.150” (3.81mm) Vertical PC
40
CAPS & CAP COLORS
B
Cap Colors
Available:
A
B
C
AT413
.315” (8.0mm) Diameter
Screw-on Cap
AT407
.394” (10.0mm) Diameter
Screw-on Cap
E
F
G
H
C
Black
White
Red
Yellow
Green
Blue
Gray
Cap Material: PBT
Finish: Glossy
Cap Material: PBT
Finish: Glossy
.100” (2.54mm) Vertical PC
45
Note: Full dimensioned drawings appear on the following pages.
(6.35)
.250
(12.7)
.500
(16.4)
.646
(3.81)
.150
(2.54)
.100
(8.0)
.315
M2.3 P0.4
(10.0) Dia
.394
(8.0) Dia
.315
M2.3 P0.4
(6.5)
.256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com