Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB2011LS2A02-BA Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS2A02-BA
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS2A02-BA Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011LS2A02-BA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2A02-BA Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Series MB2000
Bracket PC Mount Miniature Pushbuttons
C81
C
www.nkkswitches.com
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
not actually on the switch.
SP
MB2011
MB2065
ON
ON
(ON)
ON
2-3
2-1
SPDT
DP
MB2061
MB2085
ON
ON
(ON)
ON
2-3 5-6
2-1 5-4
DPDT
4P
MB2181
MB2185
ON
ON
(ON)
ON
2-3 5-6
8-9 11-12
2-1 5-4
8-7 11-10
4PDT
POLES & CIRCUITS
Keyway
Keyway
PLUNGER TYPE
On alternate action models, after transferring circuit, the plunger returns to its original position and does not latch down.
Plunger for Screw-on Caps
Momentary
Plunger Length
S
2 (COM)
1
3
4
6
1
3
25
(COM)
11
10
12
7
9
4
6
1
3
2
58
(COM)
Momentary
Cap Location
Alternate
Plunger Length
Alternate
Cap Location
.335” (8.5mm)
Threaded with Keyway
BUSHINGS
.335” (8.5mm)
Smooth with Keyway
S2
S1
.200” (5.08mm)
Smooth with Keyway
A2
For S2, S1, or A2 Bushing
with Keyway
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Panel Cutouts
With Optional
Locking Ring
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(5.08)
.200
(3.0)
.118
(6.2) Dia
.244
(8.5)
.335
(3.5)
.138
(6.2) Dia
.244
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(2.9)
.114
(4.7)
.185
(2.9)
.114
(3.0)
.118
(4.0)
.157
(2.3)
.091
Only available in part numbers
MB2011SA2W31 & MB2011SA2G31
Standard hardware: 2 hex nuts (AT513H)
& 1 lockwasher (AT509)
Optional hardware: Locking ring (AT507)
(6.5) Dia
.256
(5.8)
.228
(0.6)
.024
(6.5) Dia
.256
(6.1)
.240
(2.2) Dia
.087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com