Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-I/P Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC10F200-I/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-I/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC10F200-I/P Datasheet HTML 30Page - Microchip Technology PIC10F200-I/P Datasheet HTML 31Page - Microchip Technology PIC10F200-I/P Datasheet HTML 32Page - Microchip Technology PIC10F200-I/P Datasheet HTML 33Page - Microchip Technology PIC10F200-I/P Datasheet HTML 34Page - Microchip Technology PIC10F200-I/P Datasheet HTML 35Page - Microchip Technology PIC10F200-I/P Datasheet HTML 36Page - Microchip Technology PIC10F200-I/P Datasheet HTML 37Page - Microchip Technology PIC10F200-I/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 32
© 2007 Microchip Technology Inc.
To change the prescaler from the WDT to the Timer0
module, use the sequence shown in Example 6-2. This
sequence must be used even if the WDT is disabled. A
CLRWDT instruction should be executed before
switching the prescaler.
EXAMPLE 6-2:
CHANGING PRESCALER
(WDT
→TIMER0)
FIGURE 6-5:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
CLRWDT
;Clear WDT and
;prescaler
MOVLW
‘xxxx0xxx’ ;Select TMR0, new
;prescale value and
;clock source
OPTION
TCY (= FOSC/4)
Sync
2
Cycles
TMR0 Reg
8-bit Prescaler
8-to-1 MUX
M
MUX
Watchdog
Timer
PSA(1)
0
1
0
1
WDT
Time-out
PS<2:0>(1)
8
PSA(1)
WDT Enable bit
0
1
0
1
Data Bus
8
PSA(1)
T0CS(1)
M
U
X
M
U
X
U
X
T0SE(1)
GP2/T0CKI(2)
Pin
Note 1: T0CS, T0SE, PSA, PS<2:0> are bits in the OPTION register.
2: T0CKI is shared with pin GP2 on the PIC10F200/202/204/206.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com