Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-I/P Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC10F200-I/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-I/P Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC10F200-I/P Datasheet HTML 69Page - Microchip Technology PIC10F200-I/P Datasheet HTML 70Page - Microchip Technology PIC10F200-I/P Datasheet HTML 71Page - Microchip Technology PIC10F200-I/P Datasheet HTML 72Page - Microchip Technology PIC10F200-I/P Datasheet HTML 73Page - Microchip Technology PIC10F200-I/P Datasheet HTML 74Page - Microchip Technology PIC10F200-I/P Datasheet HTML 75Page - Microchip Technology PIC10F200-I/P Datasheet HTML 76Page - Microchip Technology PIC10F200-I/P Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 71
PIC10F200/202/204/206
TABLE 12-4:
RESET, WATCHDOG TIMER AND DEVICE RESET TIMER – PIC10F200/202/204/206
FIGURE 12-4:
TIMER0 CLOCK TIMINGS – PIC10F200/202/204/206
TABLE 12-5:
TIMER0 CLOCK REQUIREMENTS – PIC10F200/202/204/206
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 12.1 “DC
Characteristics”
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
30
TMCL
MCLR Pulse Width (low)
2*
5*
—
—
—
—
μs
μs
VDD = 5V, -40°C to +85°C
VDD = 5.0V
31
TWDT
Watchdog Timer Time-out Period
(no prescaler)
10
10
16
16
29
31
ms
ms
VDD = 5.0V (Industrial)
VDD = 5.0V (Extended)
32
TDRT
Device Reset Timer Period (stan-
dard)
10
10
16
16
29
31
ms
ms
VDD = 5.0V (Industrial)
VDD = 5.0V (Extended)
34
TIOZ
I/O High-impedance from MCLR
low
——
2*
μs
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in
Section 12.1 “DC Characteristics”.
Param
No.
Sym
Characteristic
Min
Typ(1) Max Units
Conditions
40
Tt0H T0CKI High Pulse
Width
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
41
Tt0L T0CKI Low Pulse
Width
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
42
Tt0P T0CKI Period
TCY + 40*
20 or
N
—
—
ns
Whichever is greater.
N = Prescale Value
(1, 2, 4,..., 256)
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
T0CKI
40
41
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com