Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-I/P Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC10F200-I/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-I/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC10F200-I/P Datasheet HTML 13Page - Microchip Technology PIC10F200-I/P Datasheet HTML 14Page - Microchip Technology PIC10F200-I/P Datasheet HTML 15Page - Microchip Technology PIC10F200-I/P Datasheet HTML 16Page - Microchip Technology PIC10F200-I/P Datasheet HTML 17Page - Microchip Technology PIC10F200-I/P Datasheet HTML 18Page - Microchip Technology PIC10F200-I/P Datasheet HTML 19Page - Microchip Technology PIC10F200-I/P Datasheet HTML 20Page - Microchip Technology PIC10F200-I/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 15
PIC10F200/202/204/206
4.0
MEMORY ORGANIZATION
The PIC10F200/202/204/206 memories are organized
into program memory and data memory. Data memory
banks are accessed using the File Select Register
(FSR).
4.1
Program Memory Organization for
the PIC10F200/204
The PIC10F200/204 devices have a 9-bit Program
Counter (PC) capable of addressing a 512 x 12
program memory space.
Only the first 256 x 12 (0000h-00FFh) for the
PIC10F200/204 are physically implemented (see
Figure 4-1). Accessing a location above these
boundaries will cause a wraparound within the first
256 x 12 space (PIC10F200/204). The effective
Reset vector is at 0000h (see Figure 4-1). Location
00FFh (PIC10F200/204) contains the internal clock
oscillator calibration value. This value should never
be overwritten.
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC10F200/204
CALL, RETLW
PC<7:0>
Stack Level 1
Stack Level 2
9
0000h
01FFh
On-chip Program
Memory
Reset Vector(1)
Note 1:
Address 0000h becomes the
effective Reset vector. Location
00FFh contains the MOVLW XX
internal oscillator calibration value.
256 Word
00FFh
0100h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com