Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-I/MLQTP Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC12F635-I/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-I/MLQTP Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC12F635-I/MLQTP Datasheet HTML 44Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 45Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 46Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 47Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 48Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 49Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 50Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 51Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 46
© 2007 Microchip Technology Inc.
FIGURE 3-9:
FSCM TIMING DIAGRAM
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
OSFIF
System
Clock
Output
Sample Clock
Failure
Detected
Oscillator
Failure
Note:
The system clock is normally at a much higher frequency than the sample clock. The relative frequencies in
this example have been chosen for clarity.
(Q)
Test
Test
Test
Clock Monitor Output
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets(1)
CONFIG(2)
CPD
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 x000
-110 x000
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
---u uuuu
PIE1
EEIE
LVDIE
CRIE
C2IE(3)
C1IE
OSFIE
—
TMR1IE
000- 00-0
000- 00-0
PIR1
EEIF
LVDIF
CRIF
C2IF(3)
C1IF
OSFIF
—
TMR1IF
000- 00-0
000- 00-0
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by oscillators.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
See Configuration Word register (CONFIG) for operation of all register bits.
3:
PIC16F636/639 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com