Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-I/MLQTP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC12F635-I/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-I/MLQTP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC12F635-I/MLQTP Datasheet HTML 91Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 92Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 93Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 94Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 95Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 96Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 97Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 98Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 93
PIC12F635/PIC16F636/639
9.2
Reading the EEPROM Data
Memory
To read a data memory location, the user must write the
address to the EEADR register and then set control bit
RD of the EECON1 register, as shown in Example 9-1.
The data is available, in the very next cycle, in the
EEDAT register. Therefore, it can be read in the next
instruction. EEDAT holds this value until another read, or
until it is written to by the user (during a write operation).
EXAMPLE 9-1:
DATA EEPROM READ
9.3
Writing to the EEPROM Data
Memory
To write an EEPROM data location, the user must first
write the address to the EEADR register and the data
to the EEDAT register. Then the user must follow a
specific sequence to initiate the write for each byte, as
shown in Example 9-2.
The write will not initiate if the above sequence is not
exactly followed (write 55h to EECON2, write AAh to
EECON2, then set WR bit) for each byte. We strongly
recommend that interrupts be disabled during this
code segment. A cycle count is executed during the
required sequence. Any number that is not equal to the
required cycles to execute the required sequence will
prevent the data from being written into the EEPROM.
Additionally, the WREN bit in EECON1 must be set to
enable write. This mechanism prevents accidental writes
to data EEPROM due to errant (unexpected) code
execution (i.e., lost programs). The user should keep the
WREN bit clear at all times, except when updating
EEPROM. The WREN bit is not cleared by hardware.
After a write sequence has been initiated, clearing the
WREN bit will not affect this write cycle. The WR bit will
be inhibited from being set unless the WREN bit is set.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EE Write Complete
Interrupt Flag bit (EEIF) is set. The user can either
enable this interrupt or poll this bit. The EEIF bit of the
PIR1 register must be cleared by software.
EXAMPLE 9-2:
DATA EEPROM WRITE
9.4
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the data
EEPROM should be verified (see Example 9-3) to the
desired value to be written.
EXAMPLE 9-3:
WRITE VERIFY
9.4.1
USING THE DATA EEPROM
The
data
EEPROM
is
a
high-endurance,
byte
addressable array that has been optimized for the
storage of frequently changing information (e.g.,
program variables or other data that are updated
often).
When
variables
in
one
section
change
frequently, while variables in another section do not
change, it is possible to exceed the total number of
write cycles to the EEPROM (specification D124)
without exceeding the total number of write cycles to a
single byte (specifications D120 and D120A). If this is
the case, then a refresh of the array must be
performed. For this reason, variables that change
infrequently (such as constants, IDs, calibration, etc.)
should be stored in Flash program memory.
BANKSEL
EEADR
;
MOVLW
CONFIG_ADDR
;
MOVWF
EEADR
;Address to read
BSF
EECON1,RD
;EE Read
MOVF
EEDAT,W
;Move data to W
BANKSEL EEADR
;
BSF
EECON1,WREN
;Enable write
BCF
INTCON,GIE
;Disable INTs
MOVLW
55h
;Unlock write
MOVWF
EECON2
;
MOVLW
AAh
;
MOVWF
EECON2
;
BSF
EECON1,WR
;Start the write
BSF
INTCON,GIE
;Enable INTS
BANKSEL
EEDAT
;
MOVF
EEDAT,W
;EEDAT not changed
;from previous write
BSF
EECON1,RD
;YES, Read the
;value written
XORWF
EEDAT,W
;
BTFSS
STATUS,Z
;Is data the same
GOTO
WRITE_ERR
;No, handle error
:
;Yes, continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com