Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-I/MLQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12F635-I/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-I/MLQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12F635-I/MLQTP Datasheet HTML 7Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 8Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 9Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 10Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 11Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 12Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 13Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 14Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 9
PIC12F635/PIC16F636/639
1.0
DEVICE OVERVIEW
This document contains device specific information for
the PIC12F635/PIC16F636/639 devices.
Block Diagrams and pinout descriptions of the devices
are as follows:
• PIC12F635 (Figure 1-1, Table 1-1)
• PIC16F636 (Figure 1-2, Table 1-2)
• PIC16F639 (Figure 1-3, Table 1-3)
FIGURE 1-1:
PIC12F635 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
GPIO
8
8
8
3
8-level Stack
64 bytes
1K x 14
(13-bit)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR VDD
Brown-out
Reset
Cryptographic
Timer0
Timer1
Data
EEPROM
128 bytes
EEDAT
EEADDR
GP0
GP1
GP2
GP3
GP4
GP5
Module
T0CKI
T1CKI
Configuration
T1G
1 Analog
Comparator
and Reference
C1IN- C1IN+ C1OUT
VSS
Programmable
Low-Voltage Detect
Wake-up
Reset
31 kHz
Oscillator
Internal
8 MHz
Oscillator
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com