Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-I/MLQTP Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC12F635-I/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-I/MLQTP Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC12F635-I/MLQTP Datasheet HTML 101Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 102Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 103Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 104Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 105Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 106Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 107Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 108Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 103
PIC12F635/PIC16F636/639
11.15 Configurable Output Enable Filter
The purpose of this filter is to enable the LFDATA output
and wake the microcontroller only after receiving a
specific sequence of pulses on the LC input pins.
Therefore, it prevents the AFE from waking up the
microcontroller due to noise or unwanted input signals.
The circuit compares the timing of the demodulated
header waveform with a pre-defined value, and enables
the demodulated LFDATA output when a match occurs.
The output enable filter consists of a high (TOEH) and
low duration (TOEL) of a pulse immediately after the
AGC settling gap time. The selection of high and low
times further implies a max period time. The output
enable high and low times are determined by SPI
interface programming. Figure 11-5 and Figure 11-6
show the output enable filter waveforms.
There should be no missing cycles during TOEH.
Missing cycles may result in failing the output enable
condition.
FIGURE 11-5:
OUTPUT ENABLE FILTER TIMING
Data Packet
t
≥ TOEH
t
≥ TOEL
Required Output Enable Sequence
LFDATA output is enabled
on this rising edge
t
≤ TOET
Demodulator
Output
TGAP
AFE Wake-up
and AGC Stabilization
Start bit
AGC
Gap Pulse
(TAGC + TPAGC)
TSTAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com