Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 201Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 202Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 203Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 204Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 205Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 206Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 207Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 208Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 203
PIC24HJ12GP201/202
FIGURE 21-10:
SPIx MODULE MASTER MODE (CKE = 1) TIMING CHARACTERISTICS
TABLE 21-29: SPIx MODULE MASTER MODE (CKE = 1) TIMING REQUIREMENTS
SCKX
(CKP = 0)
SCKX
(CKP = 1)
SDOX
SDIX
SP36
SP30,SP31
SP35
MSb
MSb In
Bit 14 - - - - - -1
LSb In
Bit 14 - - - -1
LSb
Note: Refer to Figure 21-1 for load conditions.
SP11
SP10
SP20
SP21
SP21
SP20
SP40
SP41
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SP10
TscL
SCKx Output Low Time
TCY/2
—
—
ns
See Note 3
SP11
TscH
SCKx Output High Time
TCY/2
—
—
ns
See Note 3
SP20
TscF
SCKx Output Fall Time
—
—
—
ns
See parameter D032
and Note 4
SP21
TscR
SCKx Output Rise Time
—
—
—
ns
See parameter D031
and Note 4
SP30
TdoF
SDOx Data Output Fall Time
—
—
—
ns
See parameter D032
and Note 4
SP31
TdoR
SDOx Data Output Rise Time
—
—
—
ns
See parameter D031
and Note 4
SP35
TscH2doV,
TscL2doV
SDOx Data Output Valid after
SCKx Edge
—6
20
ns
—
SP36
TdoV2sc,
TdoV2scL
SDOx Data Output Setup to
First SCKx Edge
30
—
—
ns
—
SP40
TdiV2scH,
TdiV2scL
Setup Time of SDIx Data
Input to SCKx Edge
23
—
—
ns
—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
3: The minimum clock period for SCKx is 100 ns. The clock generated in Master mode must not violate this
specification.
4: Assumes 50 pF load on all SPIx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com